Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRF3701 Datasheet(PDF) 28 Page - Texas Instruments

Part No. TRF3701
Description  0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TRF3701 Datasheet(HTML) 28 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.ti.com
Revision History
TRF3701
SLWS145D – FEBRUARY 2003 – REVISED AUGUST 2006
DATE
REV
PAGE
SECTION
DESCRIPTION
29 JUL 05
C
1
Changed data sheet title from "0.4 GHz" to "0.14 GHz"
2
ESD
Added ESD statement
3
Recommended
Changed Input frequency from minimum 400 to minimum 140
Operating Conditions
Added PWD operation specifications
4
RF Output
Added 942.5 MHz to table title
Performance
5
RF Output
Added RF output performance table for 340 MHz and 140 MHz
Performance
19
Typical Characteristics
Added Unadjusted Carrier Suppression vs Free-Air Temperature graph
20
Typical Characteristics
Added Sideband Suppression vs LO Frequency graph
26
Application Information
Added TRF3701 Power Down (PWD) Pin Operation section
27
Application Information
Added Optimizing Carrier and Sideband Suppression section
28
Thermal Information
Added Thermal Information section
23 JUN 04
B
Changes unknown
26 MAR
A
Changes unknown
04
12 FEB 03
*
Original version
28
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn