Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRF3701 Datasheet(PDF) 18 Page - Texas Instruments

Part No. TRF3701
Description  0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TRF3701 Datasheet(HTML) 18 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
−40
−15
−10
−5
0
5
10
15
POUT = 0 dBm
fLO = 942.5 MHz
G042
85
°C
–40
°C
25
°C
PLO − Local Oscillator Input Power − dBm
Noise − dBm/Hz
0
2
4
6
8
10
12
14
16
18
20
G043
POUT = 0 dBm
fLO = 942.5 MHz
Noise − dBm/Hz
0
2
4
6
8
10
12
14
16
18
20
G044
POUT = –5 dBm
fLO = 942.5 MHz
Noise − dBm/Hz
0
2
4
6
8
10
12
14
16
18
20
G045
POUT = –10 dBm
fLO = 942.5 MHz
TRF3701
SLWS145D – FEBRUARY 2003 – REVISED AUGUST 2006
THIRD LSB
vs
NOISE DISTRIBUTION AT 6 MHZ
LOCAL OSCILLATOR INPUT POWER
OFFSET OVER TEMPERATURE
Figure 42.
Figure 43.
NOISE DISTRIBUTION AT 6 MHZ
NOISE DISTRIBUTION AT 6 MHZ
OFFSET OVER TEMPERATURE
OFFSET OVER TEMPERATURE
Figure 44.
Figure 45.
18
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn