Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRF3701 Datasheet(PDF) 13 Page - Texas Instruments

Part No. TRF3701
Description  0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TRF3701 Datasheet(HTML) 13 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
0
20
40
60
80
850
900
950
1000
1050
fLO − Frequency − MHz
POUT = 0 dBm
Optimized at 942.5 MHz
G025
85
°C
–40
°C
25
°C
Optimization
Point
0
20
40
60
80
850
900
950
1000
1050
–40
°C
fLO − Frequency − MHz
POUT = 0 dBm
Optimized at 942.5 MHz
G026
25
°C
85
°C
Optimization
Point
VCM − V
−4
−2
0
2
4
3.0
3.5
4.0
4.5
5.0
fLO = 942.5 MHz
G027
–40
°C
25
°C
85
°C
0
10
20
30
40
50
60
70
3.0
3.5
4.0
4.5
VCM − V
POUT = 0 dBm
fLO = 942.5 MHz
Optimized at 3.7 V
G028
85
°C
25
°C
–40
°C
Optimization
Point
TRF3701
SLWS145D – FEBRUARY 2003 – REVISED AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
CARRIER SUPPRESSION
SIDEBAND SUPPRESSION
vs
vs
FREQUENCY
FREQUENCY
Figure 25.
Figure 26.
OUTPUT POWER FLATNESS
CARRIER SUPPRESSION
vs
vs
VCM (POUT = 0 dBm NOMINAL)
VCM
Figure 27.
Figure 28.
13
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn