Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF2436 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF2436
Description  High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2436 Datasheet(HTML) 4 Page - Texas Instruments

  TRF2436 Datasheet HTML 1Page - Texas Instruments TRF2436 Datasheet HTML 2Page - Texas Instruments TRF2436 Datasheet HTML 3Page - Texas Instruments TRF2436 Datasheet HTML 4Page - Texas Instruments TRF2436 Datasheet HTML 5Page - Texas Instruments TRF2436 Datasheet HTML 6Page - Texas Instruments TRF2436 Datasheet HTML 7Page - Texas Instruments TRF2436 Datasheet HTML 8Page - Texas Instruments TRF2436 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DC CHARACTERISTICS
RECEIVER CHARACTERISTICS
TRF2436
SLWS176B – APRIL 2005 – REVISED MARCH 2007
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
DC supply voltage
0 to 6.9
V
ICC
DC supply current
600
mA
RF input power
Any port and any mode
10
dBm
VID
Digital input voltage
-0.3 to 5
V
TJC
Junction temperature
175
°C
θ
JC
Thermal resistance junction-to-case
35
°C/W
TA
Operating temperature
-20 to 85
°C
Tstg
Storage temperature
-40 to 105
°C
Lead temperature
40 sec maximum
220
°C
TYP ratings are at 25
°C and V
CC = 3.3 V, MIN and MAX ratings are over operating free-air temperature and voltage ranges
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
Specification compliant
2.7
3.3
4.2
V
B Band, RX Mode
65
105
mA
A Band, RX Mode
80
120
mA
ICC
Total supply current
B Band, TX Mode, Max PABC input
410
520
mA
A Band, TX Mode, Max PABC input
450
550
mA
VIH
High-level input voltage
1.7
V
VIL
Low-level input voltage
0.5
V
IIH
High-level input current
100
300
µA
IIL
Low-level input current
-50
µA
TR = Low, 2 dB base band filter loss in RX band, MIN, TYP, and MAX rating are at 25
°C and V
CC = 3.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
B band
2400
2500
fIRF
RF input frequency
MHz
A band
4900
5900
B band
2774
2874
fLO
LO input frequency
MHz
A band
2637
3137
fIF
IF input frequency
374
MHz
B Band High Gain Mode
17
19
RXGC=LOW
G
Gain
dB
A Band High Gain Mode
18
23
RXGC=LOW
B Band Low Gain Mode
25
RXGC=HIGH
∆G
Gain step size
dB
A Band Low Gain Mode
15
RXGC=HIGH
B Band. Max Gain
4
5
Noise figure
dB
A Band. Max Gain
6
7.5
4
Submit Documentation Feedback


Similar Part No. - TRF2436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2436 TI-TRF2436 Datasheet
224Kb / 11P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
More results

Similar Description - TRF2436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2436 TI-TRF2436 Datasheet
224Kb / 11P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
   2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
logo
Silicon Storage Technol...
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
   Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com