Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1216 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF1216
Description  3.5-GHz, HIGH DYNAMIC RANGE, LOW-NOISE DOWN-CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1216 Datasheet(HTML) 4 Page - Texas Instruments

  TRF1216 Datasheet HTML 1Page - Texas Instruments TRF1216 Datasheet HTML 2Page - Texas Instruments TRF1216 Datasheet HTML 3Page - Texas Instruments TRF1216 Datasheet HTML 4Page - Texas Instruments TRF1216 Datasheet HTML 5Page - Texas Instruments TRF1216 Datasheet HTML 6Page - Texas Instruments TRF1216 Datasheet HTML 7Page - Texas Instruments TRF1216 Datasheet HTML 8Page - Texas Instruments TRF1216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
DOWNCONVERTER CHARACTERISTICS
TRF1216
SLWS172A – APRIL 2005 – REVISED DECEMBER 2005
Unless otherwise stated V
DD = 5 V, FRF = 3500 MHz, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FRF
RF input frequency
3300
3800
MHz
FLO
LO input frequency
2800
3400
MHz
FIF
IF output frequency
400
480
500
MHz
G
Maximum gain
VAGC = 0 V, RFATTN disabled, Measured into 100-Ω
27
30
33
dB
differential load
AGC
Analog gain control range
VAGC from 0 to 1.5 V, Any RFATTN setting. Measured
7
10
dB
into 100-
Ω differential load
ATTN
Switched attenuator range
RFATTN from high-to-low, any VAGC setting.
8.5
10
11.5
dB
Measured into 100-
Ω differential load
GHG
Gain flatness full band
Any 200-MHz band
1
2
dB
GNB
Gain flatness / 6 MHz
Any 6-MHz band
0.4
dB
VAGC = 0 V, RFATTN disabled
2.5
VAGC = 0 V, RFATTN enabled
4.8
NF
Noise figure(1)
dB
VAGC = 1.5 V, RFATTN disabled
3.2
VAGC = 1.5 V, RFATTN enabled
6.8
VAGC = 0 V, RFATTN disabled
–17
VAGC = 0 V, RFATTN enabled
–6
IP-1dB
Input power at 1-dB compression
dBm
VAGC = 1.5 V, RFATTN disabled
–10
VAGC = 1.5 V, RFATTN enabled
–4
VAGC = 0 V, RFATTN disabled
–7
VAGC = 0 V, RFATTN enabled
-1
IIP3
Input 3rd order intercept point
dBm
VAGC = 1.5 V, RFATTN disabled
–5
VAGC = 1.5 V, RFATTN enabled
5
PLO
LO input power
Referenced to 100-
Ω differential
0
dBm
LO to MXRI leakage
LO input = 3 dBm, VAGC = 0 V
–35
–45
dB
LO to IF leakage
LO input = 3 dBm, VAGC = 0 V
–40
–50
dB
LNAO to RXI isolation
FRF F = 3300 to 3800 MHz, RFATTN = TTL High
40
dB
(1)
Assured by lab characterization/design and not subject to production test.
4


Similar Part No. - TRF1216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1216 TI-TRF1216 Datasheet
138Kb / 2P
[Old version datasheet]   3.5-GHz, High Dynamic Range, Low-Noise Down-Converter
More results

Similar Description - TRF1216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1216 TI-TRF1216 Datasheet
138Kb / 2P
[Old version datasheet]   3.5-GHz, High Dynamic Range, Low-Noise Down-Converter
TRF1115 TI-TRF1115 Datasheet
392Kb / 11P
[Old version datasheet]   2.5-GHz, High Dynamic Range, Low-Noise Down-Converter
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com