Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1123IRTMR Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF1123IRTMR
Description  2.1-GHz to 2.7-GHz 1-W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1123IRTMR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF1123IRTMR Datasheet HTML 3Page - Texas Instruments TRF1123IRTMR Datasheet HTML 4Page - Texas Instruments TRF1123IRTMR Datasheet HTML 5Page - Texas Instruments TRF1123IRTMR Datasheet HTML 6Page - Texas Instruments TRF1123IRTMR Datasheet HTML 7Page - Texas Instruments TRF1123IRTMR Datasheet HTML 8Page - Texas Instruments TRF1123IRTMR Datasheet HTML 9Page - Texas Instruments TRF1123IRTMR Datasheet HTML 10Page - Texas Instruments TRF1123IRTMR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
TRF1123
SLWS167B – APRIL 2005 – REVISED SEPTEMBER 2006
TYPICAL PERFORMANCE (continued)
Figure 8. Pulse Droop - RF Output With PACNT Pulsed
and 20% Duty Cycle
7
Submit Documentation Feedback


Similar Part No. - TRF1123IRTMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
More results

Similar Description - TRF1123IRTMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
Qorvo, Inc
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
   2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
   2.7 to 3.5 GHz, 12 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
   46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
Qorvo, Inc
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
   2.7 ??3.5 GHz 100 W GaN Power Amplifier
TQM879006A QORVO-TQM879006A Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com