Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1212 Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF1212
Description  Dual VCO/PLL Synthesizer With IF Down-Conversion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1212 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF1212 Datasheet HTML 3Page - Texas Instruments TRF1212 Datasheet HTML 4Page - Texas Instruments TRF1212 Datasheet HTML 5Page - Texas Instruments TRF1212 Datasheet HTML 6Page - Texas Instruments TRF1212 Datasheet HTML 7Page - Texas Instruments TRF1212 Datasheet HTML 8Page - Texas Instruments TRF1212 Datasheet HTML 9Page - Texas Instruments TRF1212 Datasheet HTML 10Page - Texas Instruments TRF1212 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
AUXILIARY, AGC, AND CONTROL FUNCTIONS
FREQUENCY PLAN
TRF1112
TRF1212
SLWS175A – APRIL 2005 – REVISED DECEMBER 2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVCOenbl
External VCO Enable Voltage
CMOS compatible Input. See the
V
Synthesizer #1 (S-Band PLL)
Characteristics table.
VLD1
Lock Detect Voltage (PLL1)
CMOS compatible Output (active high). See
V
the Synthesizer #1 (S-Band PLL)
Characteristics table.
VLD2
Lock Detect Voltage (PLL2)
CMOS compatible Output (active high). See
V
the Synthesizer #1 (S-Band PLL)
Characteristics table.
VAGCI
Gain Control Input
0
3
V
VAGCO
Gain Control Output
When loaded with 10-k
Ω load. Output
0
1.5
V
impedance of AGCO is 3.75 k
Ω. Texas
Instruments RF ASICs present a 10-k
Ω load
impedance.
AAGC2
VAGCO Accuracy
VAGCO vs VAGCI characteristic
±100
mV
VDET
Detector Output Voltage
TBD
mV
AVDET
Detector Accuracy
TBD
mV
VBGR
Band-Gap Reference Voltage
1.17
V
tRBB
AGC Time Constant
Set by external loop filter
TBD
µs
EXTLOIP
High
Logic level applied to EXTLOIP and
On-chip VCO1 selection
EXTLOIN pins to select the on-chip VCO
EXTLOIN
High
EXTLOIP
Logic Level applied to EXTLOIP and
Low
Off-chip VCO1 selection
EXTLOIN pins to select the off-chip
EXTLOIN
Low
(external) VCO.
The VAGCO vs VAGCI is the voltage-transfer-function as defined by Table 1 when the AGCO is loaded with 10 kΩ.
Note: The RFAGC pin on Texas Instruments RF downconverters (such as: TRF1111, TRF1115, or TRF1216)
have an internal load of 10 k
Ω and consequently the user should not add a separate 10-kΩ load resistor.
Table 1. AGCO Voltage vs AGCI Voltage
VAGCI
V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
>0.6
VAGCO
V
1.5
1.2
0.85
0.55
0.2
0.0
0.0
0.0
The TRF1112 / TRF1212 allow a variety of frequency plans. Figure 2 illustrates the allowable combinations of
first and second IFs. However, due to the fact that the chips feature image-reject mixers, significant changes in
the frequency plan can result in degradation of image rejection. This phenomenon is captured in Figure 3.
In order to maintain maximum image rejection and LO suppression, a recommended frequency plan is: RxIF1 =
480 MHz, RxIF2 = 43.75 MHz.
7


Similar Part No. - TRF1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1212 TI-TRF1212 Datasheet
198Kb / 3P
[Old version datasheet]   3.5-GHz Intergrated IF Up-Converter
More results

Similar Description - TRF1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
TRF1121 TI-TRF1121_07 Datasheet
1Mb / 27P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
Mitsubishi Electric Sem...
M64884FP MITSUBISHI-M64884FP Datasheet
152Kb / 13P
   Transistor for VCO,1st IF MIX,2-multiple circuit built-in 500MHz/1GHz Dual PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com