Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4094B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4094B
Description  8-stage shift-and-store bus register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4094B Datasheet(HTML) 6 Page - NXP Semiconductors

  HEF4094B Datasheet HTML 1Page - NXP Semiconductors HEF4094B Datasheet HTML 2Page - NXP Semiconductors HEF4094B Datasheet HTML 3Page - NXP Semiconductors HEF4094B Datasheet HTML 4Page - NXP Semiconductors HEF4094B Datasheet HTML 5Page - NXP Semiconductors HEF4094B Datasheet HTML 6Page - NXP Semiconductors HEF4094B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
January 1995
6
Philips Semiconductors
Product specification
8-stage shift-and-store bus register
HEF4094B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
3-state propagation delays
Output enable times
5
40
80
ns
EO
→ O
n
10
tPZH
25
50
ns
HIGH
15
20
40
ns
540
80
ns
LOW
10
tPZL
25
50
ns
15
20
40
ns
Output disable times
5
75
150
ns
EO
→ O
n
10
tPHZ
40
80
ns
HIGH
15
30
60
ns
5
80
160
ns
LOW
10
tPLZ
40
80
ns
15
30
60
ns
Minimum clock
5
60
30
ns
pulse width
10
tWCPL
30
15
ns
LOW
15
24
12
ns
Minimum strobe
5
40
20
ns
pulse width
10
tWSTRH
30
15
ns
HIGH
15
24
12
ns
Set-up times
5
60
30
ns
D
→ CP
10
tsu
20
10
ns
15
15
5
ns
Hold times
5
5
−15
ns
D
→ CP
10
thold
20
5
ns
15
20
5
ns
Maximum clock
5
5
10
MHz
pulse frequency
10
fmax
11
22
MHz
15
14
28
MHz


Similar Part No. - HEF4094B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
HEF4094B NXP-HEF4094B Datasheet
204Kb / 20P
   8-stage shift-and-store register Rev. 11 ??29 August 2013
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
251Kb / 16P
   8-stage shift-and-store register
logo
NXP Semiconductors
HEF4094BP NXP-HEF4094BP Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
More results

Similar Description - HEF4094B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com