Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8048 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL8048
Description  Log Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8048 Datasheet(HTML) 7 Page - Intersil Corporation

  ICL8048_04 Datasheet HTML 1Page - Intersil Corporation ICL8048_04 Datasheet HTML 2Page - Intersil Corporation ICL8048_04 Datasheet HTML 3Page - Intersil Corporation ICL8048_04 Datasheet HTML 4Page - Intersil Corporation ICL8048_04 Datasheet HTML 5Page - Intersil Corporation ICL8048_04 Datasheet HTML 6Page - Intersil Corporation ICL8048_04 Datasheet HTML 7Page - Intersil Corporation ICL8048_04 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Error, % of Full Scale. The error as a percentage of full
scale can be obtained from the following relationship:
Temperature Coefficient of VOUT. For the ICL8048 the
temperature coefficient refers to the drift with temperature of
VOUT for a constant input current.
Power Supply Rejection Ratio. The ratio of the voltage
change in the linear axis of the transfer function (VOUT for
the ICL8048) to the change in the supply voltage, assuming
that the log axis is held constant.
Wideband Noise. For the ICL8048, this is the noise
occurring at the output under the specified conditions.
Scale Factor. For the log amp, the scale factor (K) is the
voltage change at the output for a decade (i.e., 10:1) change
at the input. See Equation 5.
Application Notes
For further applications assistance, see A007 “The
ICL8048/8049 Monolithic Log-Antilog Amplifiers”.
Error, % of Full Scale
100
Error, absolute value
×
Full Scale Output Voltage
-----------------------------------------------------------------------
=
ICL8048


Similar Part No. - ICL8048_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8048BCJE INTERSIL-ICL8048BCJE Datasheet
85Kb / 7P
   Log Amplifier
logo
Renesas Technology Corp
ICL8048BCJE RENESAS-ICL8048BCJE Datasheet
469Kb / 7P
   Log Amplifier
January 2004
More results

Similar Description - ICL8048_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048 Datasheet
85Kb / 7P
   Log Amplifier
logo
New Japan Radio
NJM2204A NJRC-NJM2204A_1 Datasheet
158Kb / 5P
   LOG AMPLIFIER
NJM2204A NJRC-NJM2204A Datasheet
250Kb / 6P
   LOG AMPLIFIER
logo
Renesas Technology Corp
ICL8048 RENESAS-ICL8048 Datasheet
469Kb / 7P
   Log Amplifier
January 2004
logo
List of Unclassifed Man...
LA8048 ETC1-LA8048 Datasheet
713Kb / 8P
   MONOLITHIC LOG/ANTILOG AMPLIFIER
logo
Zarlink Semiconductor I...
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
   150MHz WIDEBAND LOG AMPLIFIER
logo
Agere Systems
LSP2961 AGERE-LSP2961 Datasheet
145Kb / 6P
   Precision Log Ratio Amplifier
logo
Analog Devices
SSM2100 AD-SSM2100_15 Datasheet
6Mb / 9P
   MONOLITHIC LOG ANTILOG AMPLIFIER
REV. A
logo
List of Unclassifed Man...
SL531C ETC1-SL531C Datasheet
67Kb / 2P
   250MHz TRUE LOG IF AMPLIFIER
SL531AC ETC1-SL531AC Datasheet
234Kb / 8P
   250MHz TRUE LOG IF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com