Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50205Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # 50205Z
Description  100MHz Current Feedback Video Amplifier With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

50205Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button 50205Z Datasheet HTML 6Page - Intersil Corporation 50205Z Datasheet HTML 7Page - Intersil Corporation 50205Z Datasheet HTML 8Page - Intersil Corporation 50205Z Datasheet HTML 9Page - Intersil Corporation 50205Z Datasheet HTML 10Page - Intersil Corporation 50205Z Datasheet HTML 11Page - Intersil Corporation 50205Z Datasheet HTML 12Page - Intersil Corporation 50205Z Datasheet HTML 13Page - Intersil Corporation 50205Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
FN2845.11
June 5, 2006
Application Information
Optimum Feedback Resistor
The plots of inverting and non-inverting frequency response
illustrate the performance of the HA-5020 in various closed
loop gain configurations. Although the bandwidth dependency
on closed loop gain isn’t as severe as that of a voltage
feedback amplifier, there can be an appreciable decrease in
bandwidth at higher gains. This decrease may be minimized
by taking advantage of the current feedback amplifier’s unique
relationship between bandwidth and RF. All current feedback
amplifiers require a feedback resistor, even for unity gain
applications, and RF, in conjunction with the internal
compensation capacitor, sets the dominant pole of the
frequency response. Thus, the amplifier’s bandwidth is
inversely proportional to RF. The HA-5020 design is optimized
for a 1000
Ω R
F at a gain of +1. Decreasing RF in a unity gain
application decreases stability, resulting in excessive peaking
and overshoot. At higher gains the amplifier is more stable, so
RF can be decreased in a trade-off of stability for bandwidth.
The table below lists recommended RF values for various
gains, and the expected bandwidth.
PC Board Layout
The frequency response of this amplifier depends greatly on
the amount of care taken in designing the PC board. The use
of low inductance components such as chip resistors and
chip capacitors is strongly recommended. If leaded
components are used the leads must be kept short
especially for the power supply decoupling components and
those components connected to the inverting input.
Attention must be given to decoupling the power supplies. A
large value (10
µF) tantalum or electrolytic capacitor in
parallel with a small value (0.1
µF) chip capacitor works well
in most cases.
A ground plane is strongly recommended to control noise. Care
must also be taken to minimize the capacitance to ground seen
by the amplifier’s inverting input (-IN). The larger this
capacitance, the worse the gain peaking, resulting in pulse
overshoot and possible instability. It is recommended that the
ground plane be removed under traces connected to -IN, and
that connections to -IN be kept as short as possible to minimize
the capacitance from this node to ground.
Driving Capacitive Loads
Capacitive loads will degrade the amplifier’s phase margin
resulting in frequency response peaking and possible
oscillations. In most cases the oscillation can be avoided by
placing an isolation resistor (R) in series with the output as
shown in Figure 6.
The selection criteria for the isolation resistor is highly
dependent on the load, but 27
Ω has been determined to be
a good starting value.
Enable/Disable Function
When enabled the amplifier functions as a normal current
feedback amplifier with all of the data in the electrical
specifications table being valid and applicable. When
disabled the amplifier output assumes a true high
impedance state and the supply current is reduced
significantly.
The circuit shown in Figure 7 is a simplified schematic of the
enable/disable function. The large value resistors in series
with the DISABLE pin makes it appear as a current source to
the driver. When the driver pulls this pin low current flows out
of the pin and into the driver. This current, which may be as
large as 350
µA when external circuit and process variables
are at their extremes, is required to insure that point “A”
achieves the proper potential to disable the output. The
driver must have the compliance and capability of sinking all
of this current.
When VCC is +5V the DISABLE pin may be driven with a
dedicated TTL gate. The maximum low level output voltage
of the TTL gate, 0.4V, has enough compliance to insure that
the amplifier will always be disabled even though D1 will not
turn on, and the TTL gate will sink enough current to keep
point “A” at its proper voltage. When VCC is greater than +5V
the DISABLE pin should be driven with an open collector
device that has a breakdown rating greater than VCC.
GAIN (ACL)RF (Ω)
BANDWIDTH
(MHz)
-1
750
100
+1
1000
125
+2
681
95
+5
1000
52
+10
383
65
-10
750
22
VIN
VOUT
CL
RT
+-
RI
RF
R
FIGURE 6. PLACEMENT OF THE OUTPUT ISOLATION
RESISTOR, R
R6
15K
R7
15K
+VCC
ENABLE/
D1
QP3
R8
QP18
A
R33
R10
DISABLE INPUT
FIGURE 7. SIMPLIFIED SCHEMATIC OF ENABLE/DISABLE
FUNCTION
HA-5020


Similar Part No. - 50205Z

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
5020 KEYSTONE-5020 Datasheet
72Kb / 1P
   THRU HOLE MOUNT UNINSULATED TEST POINT
5.26.05
5020 KEYSTONE-5020 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Sensata Technologies, I...
5020 SENSATA-5020 Datasheet
241Kb / 5P
   HERMETICALLY SEALED THERMOSTAT PROBE
Rev:04/27/20
logo
Alpha Wire
5020-15C ALPHAWIRE-5020-15C Datasheet
72Kb / 3P
   Customer Specification
5020-20C ALPHAWIRE-5020-20C Datasheet
71Kb / 3P
   Customer Specification
More results

Similar Description - 50205Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com