Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50205 Datasheet(PDF) 7 Page - Intersil Corporation

Part # 50205
Description  100MHz Current Feedback Video Amplifier With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

50205 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button 50205 Datasheet HTML 3Page - Intersil Corporation 50205 Datasheet HTML 4Page - Intersil Corporation 50205 Datasheet HTML 5Page - Intersil Corporation 50205 Datasheet HTML 6Page - Intersil Corporation 50205 Datasheet HTML 7Page - Intersil Corporation 50205 Datasheet HTML 8Page - Intersil Corporation 50205 Datasheet HTML 9Page - Intersil Corporation 50205 Datasheet HTML 10Page - Intersil Corporation 50205 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
FN2845.11
June 5, 2006
-3dB Bandwidth (Note 14)
VOUT = 100mV
25
-
65
-
MHz
Settling Time to 1%
2V Output Step
25
-
75
-
ns
Settling Time to 0.25%
2V Output Step
25
-
130
-
ns
INTERSIL VALUE ADDED SPECIFICATIONS
Input Noise Voltage (Note 14)
f = 1kHz
25
-
4.5
-
nV/
√Hz
+Input Noise Current (Note 14)
f = 1kHz
25
-
2.5
-
pA/
√Hz
-Input Noise Current (Note 14)
f = 1kHz
25
-
25
-
pA/
√Hz
Input Common Mode Range
Full
±2.5V
-V
Output Current, Short Circuit
VIN = ±2.5V, VOUT = 0V
Full
±40
±60
-
mA
Output Current, Disabled (Note 14)
DISABLE = 0V,
VOUT = ±2.5V, VIN = 0V
Full
-
-
2
µA
Output Disable Time (Notes 14, 20)
25
-
40
-
µs
Output Enable Time (Notes 14, 21)
25
-
40
-
ns
Supply Voltage Range
25
±5-
±15
V
Output Capacitance, Disabled (Note 19)
DISABLE = 0V
25
-
6
-
pF
VIDEO CHARACTERISTICS
Differential Gain (Notes 13, 14)
RL = 150Ω
25
-
0.03
-
%
Differential Phase (Notes 13, 14)
RL = 150Ω
25
-
0.03
-
°
Gain Flatness
To 5MHz
25
-
0.1
-
dB
NOTES:
2. Suggested VOS Adjust Circuit: The inverting input current (-IBIAS) can be adjusted with an external 10kΩ pot between pins 1 and 5, wiper
connected to V+. Since -IBIAS flows through the feedback resistor (RF), the result is an adjustment in offset voltage. The amount of offset voltage
adjustment is determined by the value of RF (∆VOS = ∆-IBIAS*RF).
3. RL = 100Ω, VIN = 10V. This is the minimum current which must be pulled out of the Disable pin in order to disable the output. The output is
considered disabled when -10mV
≤ VOUT ≤ +10mV.
4. VIN = 0V. This is the maximum current that can be pulled out of the Disable pin with the HA-5020 remaining enabled. The HA-5020 is considered
disabled when the supply current has decreased by at least 0.5mA.
5. VOUT switches from -10V to +10V, or from +10V to -10V. Specification is from the 25% to 75% points.
6.
7. RL = 100Ω, VOUT = 1V. Measured from 10% to 90% points for rise/fall times; from 50% points of input and output for propagation delay.
8. This parameter is not tested. The limits are guaranteed based on lab characterization, and reflect lot-to-lot variation.
9. VIN = +10V, Disable = +15V to 0V. Measured from the 50% point of Disable to VOUT = 0V.
10. VIN = +10V, Disable = 0V to +15V. Measured from the 50% point of Disable to VOUT = 10V.
11. VIN = 0V, Force VOUT from 0V to ±10V, tR = tF = 50ns.
12. Measured with a VM700A video tester using a NTC-7 composite VITS.
13. See “Typical Performance Curves” for more information.
14. VCM = ±2.5V. At -40°C product is tested at VCM = ±2.25V because short test duration does not allow self heating.
15. RL = 100Ω. VIN = 2.5V. This is the minimum current which must be pulled out of the Disable pin in order to disable the output. The output is
considered disabled when -10mV
≤ VOUT ≤ +10mV.
16. VOUT switches from -2V to +2V, or from +2V to -2V. Specification is from the 25% to 75% points.
17. FPBW =
.
18. VIN = 0V, Force VOUT from 0V to ±2.5V, tR = tF = 50ns.
19. VIN = +2V, Disable = +5V to 0V. Measured from the 50% point of Disable to VOUT = 0V.
20. VIN = +2V, Disable = 0V to +5V. Measured from the 50% point of Disable to VOUT = 2V.
Electrical Specifications V+ = +5V, V- = -5V, R
F = 1kΩ, AV = +1, RL = 400Ω, CL ≤10pF, Unless Otherwise Specified.
Parameters are not tested. The limits are guaranteed based on lab characterizations, and reflect
lot-to-lot variation. (Continued)
PARAMETER
TEST CONDITIONS
TEMP.
(°C)
MIN
TYP
MAX
UNITS
FPBW
Slew Rate
2
πV
PEAK
--------------------------- ;V
PEAK = 10V.
=
Slew Rate
2
πV
PEAK
--------------------------- ;V
PEAK =2V
HA-5020


Similar Part No. - 50205

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
5020 KEYSTONE-5020 Datasheet
72Kb / 1P
   THRU HOLE MOUNT UNINSULATED TEST POINT
5.26.05
5020 KEYSTONE-5020 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Sensata Technologies, I...
5020 SENSATA-5020 Datasheet
241Kb / 5P
   HERMETICALLY SEALED THERMOSTAT PROBE
Rev:04/27/20
logo
Alpha Wire
5020-15C ALPHAWIRE-5020-15C Datasheet
72Kb / 3P
   Customer Specification
5020-20C ALPHAWIRE-5020-20C Datasheet
71Kb / 3P
   Customer Specification
More results

Similar Description - 50205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com