Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-5330-5 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA1-5330-5
Description  650ns Precision Sample and Hold Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-5330-5 Datasheet(HTML) 2 Page - Intersil Corporation

  HA1-5330-5 Datasheet HTML 1Page - Intersil Corporation HA1-5330-5 Datasheet HTML 2Page - Intersil Corporation HA1-5330-5 Datasheet HTML 3Page - Intersil Corporation HA1-5330-5 Datasheet HTML 4Page - Intersil Corporation HA1-5330-5 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage between V+ and SUPPLY/SIG GND . . . . . . . . . . . . . . .+20V
Voltage between V- and SUPPLY/SIG GND . . . . . . . . . . . . . . . -20V
Voltage between SUPPLY GND and SIG GND . . . . . . . . . . . .
±2.0V
Voltage between S/H Control and SUPPLY/SIG GND . . . . +8V, -6V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V
Output Current, Continuous (Note 1) . . . . . . . . . . . . . . . . . . .
±17mA
Supply Voltage Range (Typical) . . . . . . . . . . . . . . . . .
±10V to ±20V
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
66
16
Maximum Junction Temperature (Ceramic Package, Note 2) . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Internal Power Dissipation may limit Output Current below
±17mA.
2. Maximum power dissipation, including output load, must be designed to maintain the junction temperature below 175oC for the ceramic package.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±15V; S/H Control VIL = +0.8V (Sample): VIH = +2.0V (Hold); SIG GND = SUPPLY GND,
Unity Gain Configuration (Output tied to -Input), Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP (oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Voltage Range
Full
±10
-
-
V
Input Resistance (Note 4)
25
5
15
-
M
Input Capacitance
25
-
3
-
pF
Offset Voltage
25
-
0.2
-
mV
Full
-
-
1.5
mV
Offset Voltage Temperature Coefficient
Full
-
1
10
µV/oC
Bias Current
25
-
±20
-
nA
Full
-
-
±300
nA
Offset Current
25
-
20
-
nA
Full
-
-
300
nA
Common Mode Range
Full
±10
-
-
V
CMRR
VCM = ±10V
Full
86
100
-
dB
TRANSFER CHARACTERISTICS
Gain
DC
Full
2 x 106
2 x 107
-
V/V
Gain Bandwidth Product
Note 12
25
-
4.5
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage
Full
±10
-
-
V
Output Current
Full
±10
-
-
mA
Full Power Bandwidth (Note 6)
25
-
1.4
-
MHz
Output Resistance
Hold Mode
25
-
0.2
-
Sample Mode
25
-
10-5
0.001
Total Output Noise, DC to 4MHz
Sample Mode
-
230
-
µVRMS
Hold Mode
25
-
190
-
µVRMS
TRANSIENT RESPONSE
Rise Time
Note 5
25
-
70
-
ns
Overshoot
Note 5
25
-
10
-
%
HA-5330


Similar Part No. - HA1-5330-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
63Kb / 5P
   650ns Precision Sample and Hold Amplifier
September 1998
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Renesas Technology Corp
HA1-5330-5 RENESAS-HA1-5330-5 Datasheet
384Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
More results

Similar Description - HA1-5330-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
   650ns Precision Sample and Hold Amplifier
September 1998
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320_05 Datasheet
232Kb / 8P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320 Datasheet
85Kb / 7P
   1 Microsecond Precision Sample and Hold Amplifier
April 1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com