Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5320 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA-5320
Description  1 Microsecond Precision Sample and Hold Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5320 Datasheet(HTML) 4 Page - Intersil Corporation

  HA-5320_05 Datasheet HTML 1Page - Intersil Corporation HA-5320_05 Datasheet HTML 2Page - Intersil Corporation HA-5320_05 Datasheet HTML 3Page - Intersil Corporation HA-5320_05 Datasheet HTML 4Page - Intersil Corporation HA-5320_05 Datasheet HTML 5Page - Intersil Corporation HA-5320_05 Datasheet HTML 6Page - Intersil Corporation HA-5320_05 Datasheet HTML 7Page - Intersil Corporation HA-5320_05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN2857.7
August 24, 2005
TRANSIENT RESPONSE
Rise Time
Note 5
25
-
100
-
-
100
-
ns
Overshoot
Note 5
25
-
15
-
-
15
-
%
Slew Rate
Note 6
25
-
45
-
-
45
-
V/
µs
DIGITAL INPUT CHARACTERISTICS
Input Voltage
VIH
Full
2.0
-
-
2.0
-
-
V
VIL
Full
-
-
0.8
-
-
0.8
V
Input Current
VIL = 0V
25
-
-
4
-
-
4
µA
Full
--
10
--
10
µA
VIH = +5V
Full
-
-
0.1
-
-
0.1
µA
SAMPLE AND HOLD CHARACTERISTICS
Acquisition Time (Note 7)
To 0.1%
25
-
0.8
1.2
-
0.8
1.2
µs
To 0.01%
25
-
1.0
1.5
-
1.0
1.5
µs
Aperture Time (Note 8)
25
-
25
-
-
25
-
ns
Effective Aperture Delay Time
25
-50
-25
0
-50
-25
0
ns
Aperture Uncertainty
25
-
0.3
-
-
0.3
-
ns
Droop Rate
25
-
0.08
0.5
-
0.08
0.5
µV/µs
Full
-
17
100
-
1.2
100
µV/µs
Drift Current
Note 9
25
-
8
50
-
8
50
pA
Full
-
1.7
10
-
0.12
10
nA
Charge Transfer
Note 9
25
-
0.5
1.1
-
0.5
1.1
pC
Hold Step Error
Note 9
25
-
5
11
-
5
11
mV
Hold Mode Settling Time
To 0.01%
Full
-
165
350
-
165
350
ns
Hold Mode Feedthrough
10VP-P, 100kHz
Full
-
2
-
-
2
-
mV
POWER SUPPLY CHARACTERISTICS
Positive Supply Current
Note 10
25
-
11
13
-
11
13
mA
Negative Supply Current
Note 10
25
-
-11
-13
-
-11
-13
mA
Supply Voltage Range
Note 2
±13.5
−±20
±13.5
-
±20
V
Power Supply Rejection
V+, Note 11
Full
80
-
-
80
-
-
dB
V-, Note 11
Full
65
-
-
65
-
-
dB
NOTES:
4. VO = 20VP-P; RL = 2kΩ; CL = 50pF; unattenuated output.
5. VO = 200mVP-P; RL = 2kΩ; CL = 50pF.
6. VO = 20V Step; RL = 2kΩ; CL = 50pF.
7. VO = 10V Step; RL = 2kΩ; CL = 50pF.
8. Derived from computer simulation only; not tested.
9. VIN = 0V, VIH = +3.5V, tR < 20ns (VIL to VIH).
10. Specified for a zero differential input voltage between +IN and -IN. Supply current will increase with differential input (as may occur in the Hold
mode) to approximately
±46mA at 20V.
11. Based on a 1V delta in each supply, i.e. 15V
±0.5VDC.
12. RL = 1kΩ, CL = 30pF.
Electrical Specifications
VSUPPLY = ±15.0V; CH = Internal; Digital Input: VIL = +0.8V (Sample), VIH = +2.0V (Hold),
Unity Gain Configuration (Output tied to -Input), Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
TEMP.
(°C)
HA-5320-2
HA-5320-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
HA-5320
®Teflon is a registered Trademark of Dupont Corporation.


Similar Part No. - HA-5320_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5320/883 INTERSIL-HA-5320/883 Datasheet
309Kb / 11P
   High Speed Precision Sample and Hold Amplifier
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
   High Speed Precision Sample and Hold Amplifier
More results

Similar Description - HA-5320_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5320 INTERSIL-HA-5320 Datasheet
85Kb / 7P
   1 Microsecond Precision Sample and Hold Amplifier
April 1999
logo
Renesas Technology Corp
HA-5320 RENESAS-HA-5320 Datasheet
541Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5320-2 INTERSIL-HA1-5320-2 Datasheet
316Kb / 11P
   1 Microsecond Precision Sample and Hold Amplifier
August 11, 2015
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
   650ns Precision Sample and Hold Amplifier
September 1998
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
   650ns Precision Sample and Hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com