Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C3232PW Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65C3232PW
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C3232PW Datasheet(HTML) 4 Page - Texas Instruments

  SN65C3232PW Datasheet HTML 1Page - Texas Instruments SN65C3232PW Datasheet HTML 2Page - Texas Instruments SN65C3232PW Datasheet HTML 3Page - Texas Instruments SN65C3232PW Datasheet HTML 4Page - Texas Instruments SN65C3232PW Datasheet HTML 5Page - Texas Instruments SN65C3232PW Datasheet HTML 6Page - Texas Instruments SN65C3232PW Datasheet HTML 7Page - Texas Instruments SN65C3232PW Datasheet HTML 8Page - Texas Instruments SN65C3232PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN65C3232, SN75C3232
3V TO 5.5V MULTICHANNEL RS232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS540B − JULY 2002 − REVISED NOVEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = GND
5
5.4
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = VCC
−5
−5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
µA
IIL
Low-level input current
VI at GND
±0.01
±1
µA
IOS‡
Short-circuit output current
VCC = 3.6 V,
VO = 0 V
±35
±60
mA
IOS‡
Short-circuit output current
VCC = 5.5 V,
VO = 0 V
±35
±90
mA
ro
Output resistance
VCC, V+, and V− = 0 V,
VO = ±2 V
300
10M
W
† All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
‡ Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one output
should be shorted at a time.
NOTE 4: Test conditions are C1−C4 = 0.1
µF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2−C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Maximum data rate
RL = 3 kΩ
CL = 1000 pF
250
Maximum data rate
(see Figure 1)
RL = 3 kΩ,
One DOUT switching
CL = 250 pF,
VCC = 3 V to 4.5 V
1000
kbit/s
(see Figure 1)
One DOUT switching
CL = 1000 pF,
VCC = 4.5 V to 5.5 V
1000
kbit/s
tsk(p)
Pulse skew§
CL = 150 pF to 2500
pF
RL = 3 kΩ to 7 kΩ,
See Figure 2
300
ns
SR(tr)
Slew rate,
transition region
(see Figure 1)
RL = 3 kΩ to 7 kΩ,
VCC = 3.3 V
CL = 150 pF to 1000 pF
18
150
V/
µs
† All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
§ Pulse skew is defined as |tPLH − tPHL| of each channel of the same device.
NOTE 4: Test conditions are C1−C4 = 0.1
µF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2−C4 = 0.33 µF at VCC = 5 V ± 0.5 V.


Similar Part No. - SN65C3232PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3232PW TI-SN65C3232PW Datasheet
308Kb / 14P
[Old version datasheet]   3V TO 5.5 V MULTICHANNEL RS--S3S COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232PW TI-SN65C3232PW Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232PWE4 TI-SN65C3232PWE4 Datasheet
308Kb / 14P
[Old version datasheet]   3V TO 5.5 V MULTICHANNEL RS--S3S COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232PWE4 TI-SN65C3232PWE4 Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232PWG4 TI-SN65C3232PWG4 Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - SN65C3232PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232_07 Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IPWR TI-TRSF3232IPWR Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3243 TI-TRSF3243 Datasheet
421Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3222 TI1-SN65C3222_16 Datasheet
1Mb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3243 TI1-SN65C3243_15 Datasheet
889Kb / 21P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com