Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HA-2841 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HA-2841
Description  50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-2841 Datasheet(HTML) 2 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Output Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
10mA (50% Duty Cycle)
Operating Conditions
Temperature Range
HA-2841-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Recommended Supply Voltage Range . . . . . . . . . . .
±6.5V to ±15V
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
8 Lead PDIP Package . . . . . . . . . . . . . . . . . . . . . . .
92
8 Lead SOIC Package . . . . . . . . . . . . . . . . . . . . . . .
157
Maximum Junction Temperature (Die, Note 1). . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation, including output load, must be designed to maintain the maximum junction temperature below 150oC for plastic
packages.
2.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
3. VO = ±10V, RL unconnected. Output duty cycle must be reduced if IOUT >10mA.
Electrical Specifications
VSUPPLY = ±15V, RL = 1kΩ, CL ≤ 10pF, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
HA-2841-5
UNITS
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage (Note 10)
25
-
1
3
mV
Full
-
-
6
mV
Average Offset Voltage Drift
Full
-
14
-
µV/oC
Bias Current (Note 10)
25
-
5
10
µA
Full
-
8
15
µA
Average Bias Current Drift
Full
-
45
-
nA/oC
Offset Current
25
-
0.5
1.0
µA
Full
-
-
1.5
µA
Input Resistance
25
-
170
-
k
Input Capacitance
25
-
1
-
pF
Common Mode Range
Full
±10
-
-
V
Input Noise Voltage
10Hz to 1MHz
25
-
16
-
µVRMS
Input Noise Voltage (Note 10)
f = 1kHz, RSOURCE = 0Ω
25
-
16
-
Input Noise Current (Note 10)
f = 1kHz, RSOURCE = 10kΩ
25
-
2
-
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
VO = ±10V
25
25
50
-
kV/V
Full
10
30
-
kV/V
Common-Mode Rejection Ratio (Note 10)
VCM = ±10V
Full
80
95
-
dB
Minimum Stable Gain
25
1
-
-
V/V
Gain Bandwidth Product (Notes 5, 10)
25
-
50
-
MHz
Gain Flatness to 5MHz (Note 10)
RL ≥ 75Ω
25
-
±0.015
-
dB
Gain Flatness to 10MHz (Note 10)
RL ≥ 500Ω
25
-
±0.05
-
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 10)
Full
±10
±10.5
-
V
Output Current (Note 10)
Note 3
Full
15
30
-
mA
Output Resistance
25
-
8.5
-
Full Power Bandwidth (Note 6)
VO = ±10V
25
3.2
3.8
-
MHz
Differential Gain (Note 10)
Note 4
25
-
0.03
-
%
nV
Hz
pA
Hz
HA-2841


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn