Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HA-2841 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HA-2841
Description  50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HA-2841 Datasheet(HTML) 3 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Differential Phase (Note 10)
Note 4
25
-
0.03
-
Degrees
Harmonic Distortion (Note 10)
VO = 2VP-P, f = 1MHz, AV = +1
25
-
>83
-
dBc
TRANSIENT RESPONSE (Note 7)
Rise Time
25
-
3
-
ns
Overshoot
25
-
33
-
%
Slew Rate (Notes 9, 10)
AV = +1
25
200
240
-
V/
µs
Settling Time
10V Step to 0.1%
25
-
90
-
ns
POWER REQUIREMENTS
Supply Current (Note 10)
25
-
10
-
mA
Full
-
10
11
mA
Power Supply Rejection Ratio (Note 10)
Note 8
Full
70
80
-
dB
NOTES:
4. Differential gain and phase are measured with a VM700A video tester, using a NTC-7 composite VITS. RF = R1 = 1kΩ, RL = 700Ω.
5. AVCL = 1000, Measured at unity gain crossing.
6. Full Power Bandwidth guaranteed based on slew rate measurement using
.
7. Refer to Test Circuit section of data sheet.
8. VSUPPLY = ±10V to ±20V.
9. This parameter is not tested. The limits are guaranteed based on lab characterization, and reflect lot-to-lot variation.
10. See “Typical Performance Curves” for more information.
Test Circuits and Waveforms
TEST CIRCUIT
LARGE SIGNAL RESPONSE
SMALL SIGNAL RESPONSE
Electrical Specifications
VSUPPLY = ±15V, RL = 1kΩ, CL ≤ 10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
HA-2841-5
UNITS
MIN
TYP
MAX
FPBW
Slew Rate
2
πV
PEAK
---------------------------
=
V
PEAK
10V
=
()
IN
OUT
+
1k
-
NOTES:
11. VS = ±15V.
12. AV = +1.
13. CL < 10pF.
INPUT
OUTPUT
Input = 5V/Div.
Output = 5V/Div.
50ns/Div.
INPUT
OUTPUT
Input = 100mV/Div.
Output = 100mV/Div.
50ns/Div.
HA-2841


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn