Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC-7402 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UC-7402
Description  RISC-based Ready-to-Run Embedded Network Computer with Dual Ethernet, PCMCIA, CompactFlash
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UC-7402 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UC-7402 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC-7402 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.moxa.com
e-mail: info.sys@moxa.com.tw
27
Ready-to-Run,
Reliable Embedded Expert
UC-7402 Appearance
Hardware Specifications
System
CPU: IXP-422 266 MHz
DRAM: 128 MB onboard
Flash: 32 MB onboard
PCMCIA: Cardbus card and 16-bit PCMCIA 2.1/ JEIDA 4.2 card
Storage Expansion: CompactFlash x 1 with full function
Console Port: RS-232 x 1, RJ45, PPP supported
Other: RTC, buzzer, Watchdog Timer
OS: Built-in embedded Linux
Network Communication
LAN: 10/100 Mbps x 2, RJ45
Protection: Built-in 1.5 KV magnetic isolation protection
LEDs
System: Ready x 1, Console x 1
LAN: 10M/100M x 2
Power Requirements
Power Input: 12 to 48V
Power Consumption: 360 mA @ 12 VDC, 7W
Mechanical
Dimensions (WxDxH): 197 x 125 x 44 mm (7.8 x 4.9 x 1.7 in)
Weight: 830 g
Construction Material: SECC sheet metal, 1 mm
Mounting: Wall-mounting, DIN-Rail
Environmental
Operating Temperature: -10 to 60°C (14 to 140°F),
5 to 95% RH
Storage Temperature: -20 to 80°C (-4 to 176°F), 5 to 95% RH
Anti-Vibration: 1G @ IEC-68-2-6, sine wave, 5-500 Hz,
1 Oct./min, 1 hr/axis.
Anti-Shock: 5G @ IEC-68-2-27, half sine wave, 30 ms
Regulatory Approvals
EMC: FCC Part 15, CISPR 22 Class A
CE Class A: EN55022 Class A, EN61000-3-2 Class A,
EN61000-3-3, EN55024
Safety: TÜV: IEC/EN60950
UL/cUL: UL60950, CAN/CSA-C22.2 No. 60950-00
Warranty: 5 years
Software Specifications
Linux
Kernel Version: 2.4.18
Boot Loader: Redboot
Protocol Stacks: TCP, UDP, IPv4, SNMP V1/V3, ICMP, IGMP,
ARP, HTTP, CHAP, PAP, SSH 1.0/ 2.0, SSL, DHCP, NTP, NFS,
SMTP, Telnet, FTP, PPP, PPPoE
File System: JFFS2 (on-board flash)
System Utilities: bash, busybox, tinylogin, telnet, ftp, scp
Application Development Environment
MOXA Linux API Library
Linux Tool Chain: Gcc, Glibc, GDB
Windows Tool Chain: Gcc, Glibc, Insight (Windows-
based source level debug utility)
UC Finder: UC’s LAN IP broadcast search utility for
Windows and Linux
Supporting Services and Daemons:
telnetd: Telnet Server daemon
ftpd: FTP server daemon
sshd: Secure shell server
Apache: Web server daemon, supports PHP and XML
MySQL: Database Server and Client
OpenVPN: Virtual private network service manager
iptables: Firewall service manager
pppd: dial in/out over serial port daemon & PPPoE
snmpd: snmpd agent daemon
inetd: TCP server manager program
Device Drivers:
PCMCIA CardBus (supports 802.11b/g wireless LAN
Card), CF Card, Watchdog Timer (WDT), RTC, Buzzer
MOXA 2G NPort Real TTY Driver
Ordering Information
UC-7402-LX
RISC-based Ready-to-Run Embedded Network Computer with
Dual Ethernet, PCMCIA, CompactFlash, Linux OS
All items include
• 1 UC-7402
• Quick Installation Guide
• Wall-mounting Kit
• DIN-Rail Mounting Kit
• Document & Software CD
• Ethernet Cable: RJ45 to RJ45 cross-over cable, 100 cm
• Console port cable: CBL-RJ45F9-150 8-pin RJ45 to
female DB9 cable, 150 cm
• Universal Power Adaptor
(includes terminal block to power jack converter)
• Product Warranty Booklet
CF x 1
10/100 Mbps Ethernet 1
10/100 Mbps Ethernet 2
RS-232 PPP/Console
USB 1.1 Client x 1
mini B connector
PCMCIA x 1
12 to 48 VDC Power Input


Similar Part No. - UC-7402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC-0 ETC2-UC-0 Datasheet
98Kb / 1P
   P-Clips
UC-0.5 ETC2-UC-0.5 Datasheet
98Kb / 1P
   P-Clips
UC-1 ETC2-UC-1 Datasheet
98Kb / 1P
   P-Clips
UC-1.5 ETC2-UC-1.5 Datasheet
98Kb / 1P
   P-Clips
UC-2 ETC2-UC-2 Datasheet
98Kb / 1P
   P-Clips
More results

Similar Description - UC-7402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP510 ETC1-EP510 Datasheet
163Kb / 3P
   CompactFlash/PCMCIA Host Adapter
logo
AAEON Technology
RTC-700A AAEON-RTC-700A Datasheet
604Kb / 2P
   RISC-based 7??Rugged Tablet Computer
logo
List of Unclassifed Man...
MR-301 ETC2-MR-301 Datasheet
179Kb / 2P
   RISC Based Fanless Network Appliance with Marvel Shiva NPU
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
   PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
logo
Mallory performance clu...
PN8528 MALLORY-PN8528 Datasheet
641Kb / 8P
   MSD Pro-Billet Ready-to-Run Distributors
logo
List of Unclassifed Man...
PCM-7130 ETC-PCM-7130 Datasheet
69Kb / 1P
   Multitasking, Ready to Run StrongARM Evaluation Kit
logo
Mallory performance clu...
PN83506 MALLORY-PN83506 Datasheet
309Kb / 8P
   MSD Ready-to-Run Marine V8 Distributor
PN8595 MALLORY-PN8595 Datasheet
536Kb / 8P
   MSD Pro-Billet Ready to Run Distributor
PN8360 MALLORY-PN8360 Datasheet
683Kb / 8P
   MSD Pro-Billet Ready-to-Run Distributor
8360 MALLORY-8360 Datasheet
677Kb / 8P
   MSD Pro-Billet Ready-to-Run Distributor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com