Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C3223DBRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65C3223DBRE4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C3223DBRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65C3223DBRE4 Datasheet HTML 1Page - Texas Instruments SN65C3223DBRE4 Datasheet HTML 2Page - Texas Instruments SN65C3223DBRE4 Datasheet HTML 3Page - Texas Instruments SN65C3223DBRE4 Datasheet HTML 4Page - Texas Instruments SN65C3223DBRE4 Datasheet HTML 5Page - Texas Instruments SN65C3223DBRE4 Datasheet HTML 6Page - Texas Instruments SN65C3223DBRE4 Datasheet HTML 7Page - Texas Instruments SN65C3223DBRE4 Datasheet HTML 8Page - Texas Instruments SN65C3223DBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN65C3223, SN75C3223
3V TO 5.5V MULTICHANNEL RS232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS538B − JUNE 2002 − REVISED OCTOBER 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables
EACH DRIVER
INPUTS
OUTPUT
DIN
FORCEON
FORCEOFF
VALID RIN
RS-232 LEVEL
DOUT
DRIVER STATUS
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
H
HH
X
L
Normal operation with
auto-powerdown disabled
L
L
H
Yes
H
Normal operation with
H
LH
Yes
L
Normal operation with
auto-powerdown enabled
L
L
H
No
Z
Powered off by
H
L
H
No
Z
Powered off by
auto-powerdown feature
H = high level, L = low level, X = irrelevant, Z = high impedance
EACH RECEIVER
INPUTS
OUTPUT
RIN
EN
VALID RIN
RS-232 LEVEL
OUTPUT
ROUT
L
L
X
H
H
LX
L
X
HX
Z
Open
L
No
H
H = high level, L = low level, X = irrelevant,
Z = high
impedance
(off),
Open
=
input
disconnected or connected driver off
logic diagram (positive logic)
DIN2
DOUT2
Auto-powerdown
RIN1
INVALID
ROUT1
DIN1
DOUT1
RIN2
ROUT2
EN
FORCEON
FORCEOFF
13
12
20
14
1
15
10
17
8
11
16
9


Similar Part No. - SN65C3223DBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3223DBR TI-SN65C3223DBR Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223DBR TI1-SN65C3223DBR Datasheet
926Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3223DBRG4 TI1-SN65C3223DBRG4 Datasheet
926Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - SN65C3223DBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3222 TI-SN75C3222 Datasheet
256Kb / 12P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3232 TI-SN65C3232_07 Datasheet
376Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3238 TI-SN75C3238 Datasheet
314Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3232IPWR TI-TRSF3232IPWR Datasheet
512Kb / 13P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3243 TI-TRSF3243 Datasheet
421Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3222 TI1-SN65C3222_16 Datasheet
1Mb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3243 TI1-SN65C3243_15 Datasheet
889Kb / 21P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com