Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEF4085B Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. HEF4085B
Description  Dual 2-wide 2-input AND-OR-invert gate
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4085B Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4085B Datasheet HTML 1Page - NXP Semiconductors HEF4085B Datasheet HTML 2Page - NXP Semiconductors HEF4085B Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
January 1995
3
Philips Semiconductors
Product specification
Dual 2-wide 2-input AND-OR-invert gate
HEF4085B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
An,Bn → On
5
75
155 ns
48 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
30
60 ns
19 ns
+ (0,23 ns/pF) CL
15
20
40 ns
12 ns
+ (0,16 ns/pF) CL
5
65
135 ns
38 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
30
55 ns
19 ns
+ (0,23 ns/pF) CL
15
20
40 ns
12 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
750 fi +∑ (foCL) × VDD2
where
dissipation per
10
3200 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
9200 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (foCL) = sum of outputs
VDD = supply voltage (V)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn