Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEF4085B Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. HEF4085B
Description  Dual 2-wide 2-input AND-OR-invert gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4085B Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4085B Datasheet HTML 1Page - NXP Semiconductors HEF4085B Datasheet HTML 2Page - NXP Semiconductors HEF4085B Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
January 1995
2
Philips Semiconductors
Product specification
Dual 2-wide 2-input AND-OR-invert gate
HEF4085B
gates
DESCRIPTION
The HEF4085B is a dual 2-wide 2-input AND-OR-invert
gate, each with an additional input (A4 or B4) which can be
used as either an expander input or an inhibit input. A
HIGH on A4 or B4 forces the output (OA or OB) LOW
independent of the other inputs (A0 to A3 or B0 to B3). The
outputs OA and OB are fully buffered for highest noise
immunity and pattern insensitivity of output impedance.
Fig.1 Functional diagram.
HEF4085BP(N): 14-lead DIL; plastic
(SOT27-1)
HEF4085BD(F): 14-lead DIL; ceramic (cerdip)
(SOT73)
HEF4085BT(D): 14-lead SO; plastic
(SOT108-1)
( ): Package Designator North America
Fig.2 Pinning diagram.
Fig.3 Logic diagram (one gate).
LOGIC FUNCTION
FAMILY DATA,
IDD LIMITS category GATES
See Family Specifications
O
A
A
0
A
1
A
2
A
3
A
4
+
+
=
O
B
B
0
B
1
B
2
B
3
B
4
+
+
=


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS51 DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE 1  2  Motorola, Inc
DM74S51 Dual 2-Wide 2-Input AND-OR-INVERT Gate 1  2  3  Fairchild Semiconductor
HD14506B Dual 2-wide 2-input Expandable AND-OR-INVERT Gate 1  2  3  4  5  More Hitachi Semiconductor
DM7450 Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate 1  2  3  4  National Semiconductor (TI)
CD4085B CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE 1  2  3  4  5  More Texas Instruments
DM74LS51 Dual 2-Wide 2-Input 2-Wide 3-Input AND-OR-INVERT Gate 1  2  3  4  Fairchild Semiconductor
74F51 Dual 2-wide 2-input 2-wise 3-input AND-OR-invert gate 1  2  3  4  5  More NXP Semiconductors
SN5450 DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE 1  2  3  4  Texas Instruments
DM7451 Dual 2-Wide 2-Input AOI Gate 1  2  3  National Semiconductor (TI)
HD74HC51 2-wide 2-input 2-wide 3-input AND-OR-INVERT Gate 1  2  3  4  5  More Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn