Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C23243 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN65C23243
Description  3-V TO 5.5-V DUAL RS-232 PORT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C23243 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65C23243_06 Datasheet HTML 8Page - Texas Instruments SN65C23243_06 Datasheet HTML 9Page - Texas Instruments SN65C23243_06 Datasheet HTML 10Page - Texas Instruments SN65C23243_06 Datasheet HTML 11Page - Texas Instruments SN65C23243_06 Datasheet HTML 12Page - Texas Instruments SN65C23243_06 Datasheet HTML 13Page - Texas Instruments SN65C23243_06 Datasheet HTML 14Page - Texas Instruments SN65C23243_06 Datasheet HTML 15Page - Texas Instruments SN65C23243_06 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SN65C23243, SN75C23243
3V TO 5.5V DUAL RS232 PORT
SLLS513A − AUGUST 2001 − REVISED MARCH 2004
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
RIN4
DOUT2
DOUT3
ROUT1
FORCEOFF
RIN5
INV
ROUT2
DOUT1
ROUT2
DIN3
DIN2
ROUT3
ROUT4
DIN1
ROUT5
C4
+
+
C3†
VCC
C2+
C2−
C1
C1+
GND
V−
C1−
FORCEON
C2
+
CBYPASS
= 0.1
µF
V+
+
+
RIN1
RIN2
RIN3
RS-232 Inputs
Logic Outputs
Logic Inputs
RS-232 Outputs
VCC
C1
C2, C3, and C4
3.3 V
± 0.3 V
5 V
± 0.5 V
3 V to 5.5 V
0.22
µF
0.047
µF
0.22
µF
0.22
µF
0.33
µF
1
µF
† C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Numbers in parentheses are for B section.
VCC vs CAPACITOR VALUES
12
11
5 (20)
4 (21)
3 (22)
2 (23)
1 (24)
9 (16)
8 (17)
7 (18)
42 (31)
41 (32)
40 (33)
38
36
37
14
13, 34
35
39
10 (15)
6 (19)
43 (30)
44 (29)
45 (28)
46 (27)
47 (26)
48 (25)
5 k
5 k
5 k
5 k
5 k
Figure 7. Typical Operating Circuit and Capacitor Values


Similar Part No. - SN65C23243_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C23243 TI1-SN65C23243_08 Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results

Similar Description - SN65C23243_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI1-SN65C23243_08 Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com