Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGL-0363Z Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part No. SGL-0363Z
Description  5-2000 MHz Low Noise Amplifier Silicon Germanium
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo 

SGL-0363Z Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Broomfield, CO 80021
4
EDS-104341 Rev D
Preliminary
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SGL-0363Z 5-2000 MHz SiGe Low Noise Amplifier
450 MHz Application Circuit Data, V
S= 3.3V, ID= 5.7mA
Note: Tuned for NF
Gain vs. Frequency
16
18
20
22
24
420
430
440
450
460
470
480
Frequency (MHz)
S21_25C
S21_-40C
S21_85C
Input/Output Return Loss,
Isolation vs. Frequency, T=25C
-30
-25
-20
-15
-10
-5
0
420
430
440
450
460
470
480
Frequency (MHz)
S11
S12
S22
P1dB vs. Frequency
-2
-1
0
1
2
3
4
5
6
420
430
440
450
460
470
480
Frequency (MHz)
25C
-40C
85C
IM3 vs. Tone Power @450MHz
-80
-70
-60
-50
-40
-30
-19
-17
-15
-13
-11
-9
-7
-5
Pout per tone (dBm)
25C
-40C
85C
OIP3 vs. Freq. (-15dBm Output Tones)
11
12
13
14
15
16
17
18
19
20
420
430
440
450
460
470
480
Frequency (MHz)
25C
-40C
85C
Noise Figure vs. Frequency
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
420
430
440
450
460
470
480
Frequency (MHz)
25C
85C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn