Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGL-0163 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part No. SGL-0163
Description  100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRENZA [SIRENZA MICRODEVICES]
Homepage  
Logo SIRENZA - SIRENZA MICRODEVICES

SGL-0163 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SGL-0163 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGL-0163 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGL-0163 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGL-0163 Datasheet HTML 4Page - SIRENZA MICRODEVICES SGL-0163 Datasheet HTML 5Page - SIRENZA MICRODEVICES SGL-0163 Datasheet HTML 6Page - SIRENZA MICRODEVICES SGL-0163 Datasheet HTML 7Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EDS-101501 Rev C
2
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 South Technology Court
Broomfield, CO 80021
SGL-0163(Z) 100-1300 MHz SiGe Low Noise Amplifier
Device Voltage (VD) vs. Device Current (ID) Over Temperature
Load lines for VS = +5 Volts, RB2 = 43 W and 180 W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
611
16
21
26
ID (mA)
-40°C
+25°C
+85°C
VS= +5 V, RB2 = 43 W
VS = +5 V, RB2 = 180 W
SGL-0163 Noise Figure
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
Freq. (MHz)
+3V
+4V
P1dB vs Frequency
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
Freq. (MHz)
+3V
+4V
Input IP3 vs Frequency
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
Freq. (MHz)
+3V
+4V
Output IP3 vs Frequency
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
Freq. (MHz)
+3V
+4V
s
g
n
i
t
a
R
m
u
m
i
x
a
M
e
t
u
l
o
s
b
A
r
e
t
e
m
a
r
a
Pt
i
m
i
L
e
t
u
l
o
s
b
A
.
x
a
M
t
n
e
r
r
u
C
e
c
i
v
e
D
I
(
D)5
4
A
m
.
x
a
M
e
c
i
v
e
D
V
(
e
g
a
t
l
o
V
S)V
5
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R
m
B
d
0
1
+
.
x
a
M
p
m
e
T
n
o
i
t
c
n
u
J
T
(
.
J)
1
+
0
5
C
°
p
m
e
T
g
n
i
t
a
r
e
p
O
T
(
e
g
n
a
R
.
D
A
E
L
)
C
°
5
8
+
o
t
C
°
0
4
-
.
x
a
M
p
m
e
T
e
g
a
r
o
t
S
.
C
°
0
5
1
+
y
a
m
s
t
i
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
i
v
e
d
s
i
h
t
f
o
n
o
i
t
a
r
e
p
O
,
n
o
i
t
a
r
e
p
o
s
u
o
n
i
t
n
o
c
e
l
b
a
il
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
m
u
m
i
x
a
m
e
h
t
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
r
r
u
c
d
n
a
e
g
a
t
l
o
v
e
c
i
v
e
d
e
h
t
.
e
n
o
e
g
a
p
n
o
e
l
b
a
t
e
h
t
n
i
d
e
i
f
i
c
e
p
s
s
e
u
l
a
v
g
n
i
t
a
r
e
p
o
:
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
ll
o
f
e
h
t
y
f
s
i
t
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
i
t
i
d
n
o
c
s
a
i
B
I
DVD
T
(
<
J
T
-
D
A
E
L
R
/
)
H
T
l
-
j
,
Typical RF Performance at V
S = 3 V and 4 V -- 800-1300 MHz Evaluation Board -- TLEAD=+25°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn