Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4580 Datasheet(PDF) 3 Page - Texas Instruments

Part # RC4580
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580 Datasheet(HTML) 3 Page - Texas Instruments

  RC4580_06 Datasheet HTML 1Page - Texas Instruments RC4580_06 Datasheet HTML 2Page - Texas Instruments RC4580_06 Datasheet HTML 3Page - Texas Instruments RC4580_06 Datasheet HTML 4Page - Texas Instruments RC4580_06 Datasheet HTML 5Page - Texas Instruments RC4580_06 Datasheet HTML 6Page - Texas Instruments RC4580_06 Datasheet HTML 7Page - Texas Instruments RC4580_06 Datasheet HTML 8Page - Texas Instruments RC4580_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RC4580
DUAL AUDIO OPERATIONAL AMPLIFIER
SLOS412C − APRIL 2003 − REVISED MARCH 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+
±18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (any input)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2):D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
85
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
149
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−60
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VCC+
Supply voltage
2
16
V
VCC−
Supply voltage
−2
−16
V
VICR
Input common-mode voltage range
−13.5
13.5
V
TA
Operating free-air temperature range
−40
85
°C
electrical characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
RS ≤ 10 kΩ
0.5
3
mV
IIO
Input offset current
5
200
nA
IIB
Input bias current
100
500
nA
AVD
Large-signal differential-voltage amplification
RL ≥ 2 kΩ, VO = ±10 V
90
110
dB
VOM
Output voltage swing
RL ≥ 2 kΩ
±12 ±13.5
V
VICR
Common-mode input voltage range
±12 ±13.5
V
CMRR
Common-mode rejection ratio
RS ≤ 10 kΩ
80
110
dB
kSVR‡
Supply-voltage rejection ratio
RS ≤ 10 kΩ
80
110
dB
ICC
Supply current (all amplifiers)
6
9
mA
‡ Measured with VCC± varied simultaneously
operating characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL ≥ 2 kΩ
5
V/
µs
GBW
Gain-bandwidth product
f = 10 kHz
12
MHz
THD
Total harmonic distortion
VO = 5 V, RL = 2 kΩ, f = 1 kHz, AVD = 20 dB
0.0005%
Vn
Equivalent input noise voltage
RIAA, RS ≤ 2.2 kΩ, 30-kHz LPF
0.8
µVrms


Similar Part No. - RC4580_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_08 Datasheet
410Kb / 14P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
More results

Similar Description - RC4580_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
   AUDIO DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
[Old version datasheet]   Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
   Dual Audio Operational Amplifier
logo
New Japan Radio
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
   DUAL AUDIO OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580-Q1 TI1-RC4580-Q1 Datasheet
1,009Kb / 16P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560 Datasheet
84Kb / 5P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580 Datasheet
230Kb / 10P
[Old version datasheet]   DUAL AUDIO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com