Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8575C Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575C
Description  REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575C Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCF8575C Datasheet HTML 5Page - Texas Instruments PCF8575C Datasheet HTML 6Page - Texas Instruments PCF8575C Datasheet HTML 7Page - Texas Instruments PCF8575C Datasheet HTML 8Page - Texas Instruments PCF8575C Datasheet HTML 9Page - Texas Instruments PCF8575C Datasheet HTML 10Page - Texas Instruments PCF8575C Datasheet HTML 11Page - Texas Instruments PCF8575C Datasheet HTML 12Page - Texas Instruments PCF8575C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
Electrical Characteristics
I2C Interface Timing Requirements
PCF8575C
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS123C – MARCH 2005 – REVISED JULY 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
4.5 V to 5.5
VIK
Input diode clamp voltage
II = –18 mA
–1.2
V
V
VPOR Power-on reset voltage(2)
VI = VCC or GND,
IO = 0
VPOR
1.2
1.8
V
IOHT
P-port transient pullup current
High during ACK VOH = GND
4.5 V
–0.5
–1
mA
4.5 V to 5.5
SDA
VOL = 0.4 V
3
V
VOL = 0.4 V
5
15
4.5 V to 5.5
IOL
P port
mA
V
VOL = 1 V
10
25
4.5 V to 5.5
INT
VOL = 0.4 V
1.6
V
SCL, SDA
±2
4.5 V to 5.5
II
VI = VCC or GND
µA
V
A0, A1, A2
±1
4.5 V to 5.5
IIHL
P port
VI ≥ VCC or VI ≤ GND
±400
µA
V
Operating mode
VI = VCC or GND,
IO = 0, fSCL = 400 kHz
100
200
ICC
5.5 V
µA
Standby mode
VI = VCC or GND,
IO = 0, fSCL = 0 kHz
2.5
10
One input at VCC – 0.6 V,
4.5 V to 5.5
∆I
CC
Supply current increase
200
µA
Other inputs at VCC or GND
V
4.5 V to 5.5
Ci
SCL
VI = VCC or GND
3
7
pF
V
SDA
3
7
4.5 V to 5.5
Cio
VIO = VCC or GND
pF
V
P port
4
10
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
The power-on reset circuit resets the I2C bus logic with VCC < VPOR and sets all I/Os to logic high (with current source to VCC).
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 6)
MIN
MAX
UNIT
fscl
I2C clock frequency
400
kHz
tsch
I2C clock high time
0.6
µs
tscl
I2C clock low time
1.3
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
20 + 0.1Cb(1)
300
ns
ticf
I2C input fall time
20 + 0.1Cb(1)
300
ns
tocf
I2C output fall time (10-pF to 400-pF bus)
300
ns
tbuf
I2C bus free time between stop and start
1.3
µs
tsts
I2C start or repeated start condition setup
0.6
µs
tsth
I2C start or repeated start condition hold
0.6
µs
tsps
I2C stop condition setup
0.6
µs
tvd
Valid-data time
SCL low to SDA output valid
1.2
µs
Cb
I2C bus capacitive load
400
pF
(1)
Cb = total bus capacitance of one bus line in pF
9
Submit Documentation Feedback


Similar Part No. - PCF8575C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
PCF8575C NXP-PCF8575C Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCF8575C TI1-PCF8575C Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575CDB TI1-PCF8575CDB Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575CDBE4 TI1-PCF8575CDBE4 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
More results

Similar Description - PCF8575C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCF8575DWRG4 TI-PCF8575DWRG4 Datasheet
1,010Kb / 32P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDERWITH INTERRUPT OUTPUT
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com