Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9555DW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9555DW
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9555DW Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9555DW Datasheet HTML 4Page - Texas Instruments PCA9555DW Datasheet HTML 5Page - Texas Instruments PCA9555DW Datasheet HTML 6Page - Texas Instruments PCA9555DW Datasheet HTML 7Page - Texas Instruments PCA9555DW Datasheet HTML 8Page - Texas Instruments PCA9555DW Datasheet HTML 9Page - Texas Instruments PCA9555DW Datasheet HTML 10Page - Texas Instruments PCA9555DW Datasheet HTML 11Page - Texas Instruments PCA9555DW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
Device Address
0
1
0
0
A1
A2
A0
Slave Address
R/W
Fixed
Programmable
Control Register and Command Byte
0
0
0
B2
B1
B0
0
0
PCA9555
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS131D – AUGUST 2005 – REVISED OCTOBER 2006
Figure 4 shows the address byte of the PCA9555.
Figure 4. PCA9555 Address
Address Reference
INPUTS
I2C BUS SLAVE ADDRESS
A2
A1
A0
L
L
L
32 (decimal), 20 (hexadecimal)
L
L
H
33 (decimal), 21 (hexadecimal)
L
H
L
34 (decimal), 22 (hexadecimal)
L
H
H
35 (decimal), 23 (hexadecimal)
H
L
L
36 (decimal), 24 (hexadecimal)
H
L
H
37 (decimal), 25 (hexadecimal)
H
H
L
38 (decimal), 26 (hexadecimal)
H
H
H
39 (decimal), 27 (hexadecimal)
The last bit of the slave address defines the operation (read or write) to be performed. A high (1) selects a read
operation, while a low (0) selects a write operation.
Following the successful acknowledgment of the address byte, the bus master sends a command byte that is
stored in the control register in the PCA9555. Three bits of this data byte state the operation (read or write) and
the internal register (input, output, polarity inversion or configuration) that will be affected. This register can be
written or read through the I2C bus. The command byte is sent only during a write transmission.
Once a command byte has been sent, the register that was addressed continues to be accessed by reads until
a new command byte has been sent.
Figure 5. Control Register Bits
Command Byte
CONTROL REGISTER BITS
COMMAND
POWER-UP
REGISTER
PROTOCOL
BYTE (HEX)
DEFAULT
B2
B1
B0
0
0
0
0x00
Input Port 0
Read byte
xxxx xxxx
0
0
1
0x01
Input Port 1
Read byte
xxxx xxxx
0
1
0
0x02
Output Port 0
Read/write byte
1111 1111
0
1
1
0x03
Output Port 1
Read/write byte
1111 1111
1
0
0
0x04
Polarity Inversion Port 0
Read/write byte
0000 0000
1
0
1
0x05
Polarity Inversion Port 1
Read/write byte
0000 0000
1
1
0
0x06
Configuration Port 0
Read/write byte
1111 1111
1
1
1
0x07
Configuration Port 1
Read/write byte
1111 1111
8
Submit Documentation Feedback


Similar Part No. - PCA9555DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555DW TI-PCA9555DW Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DW TI-PCA9555DW Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DW TI1-PCA9555DW Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555DWG4 TI-PCA9555DWG4 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DWG4 TI-PCA9555DWG4 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9555DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com