Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9548APW Datasheet(PDF) 1 Page - Texas Instruments

Part # PCA9548APW
Description  8-CHANNEL I2C SWITCH WITH RESET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9548APW Datasheet(HTML) 1 Page - Texas Instruments

  PCA9548APW Datasheet HTML 1Page - Texas Instruments PCA9548APW Datasheet HTML 2Page - Texas Instruments PCA9548APW Datasheet HTML 3Page - Texas Instruments PCA9548APW Datasheet HTML 4Page - Texas Instruments PCA9548APW Datasheet HTML 5Page - Texas Instruments PCA9548APW Datasheet HTML 6Page - Texas Instruments PCA9548APW Datasheet HTML 7Page - Texas Instruments PCA9548APW Datasheet HTML 8Page - Texas Instruments PCA9548APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DB, DGV, DW, OR PW PACKAGE
(TOP VIEW)
A0
V
CC
A1
SDA
RESET
SCL
SD0
A2
SC0
SC7
SD1
SD7
SC1
SC6
SD2
SD6
SC2
SC5
SD3
SD5
SC3
SC4
GND
SD4
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
14
11
13
12
RGE PACKAGE
(TOP VIEW)
24 23 22 21 20
7
8
9 10 11
19
12
1
2
3
4
5
6
SD0
SC0
SD1
SC1
SD2
SC2
18
17
16
15
14
13
A2
SC7
SD7
SC6
SD6
SC5
DESCRIPTION/ORDERING INFORMATION
PCA9548A
8-CHANNEL I2C SWITCH
WITH RESET
SCPS143B – OCTOBER 2006 – REVISED MARCH 2007
• 1-of-8 Bidirectional Translating Switches
• No Glitch on Power-Up
• I2C Bus and SMBus Compatible
• Supports Hot Insertion
• Active-Low Reset Input
• Low Standby Current
• Address by Three Hardware Address Pins for
• Operating Power-Supply Voltage Range of
Use of up to Eight Devices
2.3 V to 5.5 V
• Channel Selection Via I2C Bus
• 5-V Tolerant Inputs
• Power-Up With All Switch Channels
• 400-kHz Fast I2C Bus
Deselected
• Latch-Up Performance Exceeds 100 mA Per
• Low R
ON Switches
JESD 78, Class II
• Allows Voltage-Level Translation Between
• ESD Protection Exceeds JESD 22
2.5-V, 3.3-V, and 5-V Buses
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGE
Reel of 3000
PCA9548ARGER
PD548A
Reel of 2000
PCA9548ADBR
SSOP – DB
PD548A
Reel of 250
PCA9548ADBT
TVSOP – DGV
Reel of 2000
PCA9548ADGVR
PD548A
–40
°C to 85°C
Reel of 2000
PCA9548ADWR
SOIC – DW
PCA9548A
Tube of 25
PCA9548ADW
Reel of 2000
PCA9548APWR
TSSOP – PW
PD548A
Tube of 60
PCA9548APW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9548APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9548APW PHILIPS-PCA9548APW Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
PCA9548APW NXP-PCA9548APW Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Texas Instruments
PCA9548APW TI-PCA9548APW Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548APW118 NXP-PCA9548APW118 Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Texas Instruments
PCA9548APWG4 TI-PCA9548APWG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
More results

Similar Description - PCA9548APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548 PHILIPS-PCA9548 Datasheet
125Kb / 16P
   8-channel I2C switch with reset
2004 Sep 30
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
logo
Texas Instruments
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   Automotive 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com