Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA-5589 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # SGA-5589
Description  DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-5589 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SGA-5589 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-5589 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-5589 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-5589 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EDS-101443 Rev. D
Preliminary
SGA-5589 DC-4000 GHz Cascadable MMIC Amplifier
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
20
25
30
35
40
00.5
1
1.522.5
3
Frequency (GHz)
10
12
14
16
18
20
00.511.5
2
2.5
3
Frequency (GHz)
Typical RF Performance at Key Operating Frequencies
Frequency (MHz)
OIP
3 vs. Frequency
V
D= 3.9 V, ID= 60 mA
P
1dB vs. Frequency
V
D= 3.9 V, ID= 60 mA
Absolute Maximum Ratings
Test Conditions:
Frequency (MHz)
V
S = 8 V
I
D = 80 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 39 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
t
i
n
U
0
0
1
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d0
.
5
27
.
4
28
.
3
23
.
0
29
.
8
10
.
6
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
Om
B
d6
.
1
39
.
2
32
.
9
27
.
7
2
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d9
.
7
12
.
8
12
.
6
11
.
5
1
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
d9
.
8
15
.
7
17
.
5
17
.
3
18
.
2
13
.
1
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
d1
.
7
21
.
7
21
.
7
22
.
5
29
.
3
20
.
1
2
S
2
1
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
RB
d2
.
7
17
.
6
17
.
5
10
.
3
12
.
2
13
.
0
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
d8
.
23
4
.
36
.
3
Frequency (MHz)
Test Conditions:
V
S = 8 V
I
D = 60 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 75 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
Noise Figure vs. Frequency
V
D=3.9V, ID= 60 mA
T
L=+25ºC
T
L=+25ºC
T
L=+25ºC
r
e
t
e
m
a
r
a
P
t
i
m
i
L
e
t
u
l
o
s
b
A
.
x
a
M
t
n
e
r
r
u
C
e
c
i
v
e
D
I
(
D)
1
0
2
A
m
.
x
a
M
e
c
i
v
e
D
V
(
e
g
a
t
l
o
V
D)V
6
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R
m
B
d
6
1
+
.
x
a
M
p
m
e
T
n
o
i
t
c
n
u
J
T
(
.
J)
C
°
0
5
1
+
p
m
e
T
g
n
i
t
a
r
e
p
O
T
(
e
g
n
a
R
.
L)
C
°
5
8
+
o
t
C
°
0
4
-
.
x
a
M
p
m
e
T
e
g
a
r
o
t
S
.
C
°
0
5
1
+
y
a
m
s
t
i
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
i
v
e
d
s
i
h
t
f
o
n
o
i
t
a
r
e
p
O
,
n
o
i
t
a
r
e
p
o
s
u
o
n
i
t
n
o
c
e
l
b
a
il
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
m
u
m
i
x
a
m
e
h
t
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
r
r
u
c
d
n
a
e
g
a
t
l
o
v
e
c
i
v
e
d
e
h
t
.
e
n
o
e
g
a
p
n
o
e
l
b
a
t
e
h
t
n
i
d
e
i
f
i
c
e
p
s
s
e
u
l
a
v
g
n
i
t
a
r
e
p
o
:
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
ll
o
f
e
h
t
y
f
s
i
t
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
i
t
i
d
n
o
C
s
a
i
B
I
DVD
T
(
<
J
T
-
L
R
/
)
H
T
l
-
j
,


Similar Part No. - SGA-5589

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-5589 STANFORD-SGA-5589 Datasheet
355Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results

Similar Description - SGA-5589

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5586 SIRENZA-SGA-5586 Datasheet
87Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5489 SIRENZA-SGA-5489 Datasheet
86Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6586 SIRENZA-SGA-6586 Datasheet
89Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4363 SIRENZA-SGA-4363 Datasheet
249Kb / 5P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Stanford Microdevices
SGA-5586 STANFORD-SGA-5586 Datasheet
87Kb / 4P
   DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6389 ETC-SGA-6389 Datasheet
267Kb / 4P
   DC-4000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
   DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4363A QORVO-QPA4363A Datasheet
883Kb / 7P
   DC ??4000 MHz Cascadable SiGe HBT Amplifier
logo
SIRENZA MICRODEVICES
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
   DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com