Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA-5389 Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SGA-5389
Description  DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-5389 Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SGA-5389 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-5389 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-5389 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-5389 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
EDS-100617 Rev D
Product Description
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this
information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or
granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc.. All worldwide rights
reserved.
SGA-5389
SGA-5389Z Pb
RoHS Compliant
&
Package
Green
DC-4500 MHz, Cascadable
SiGe HBT MMIC Amplifier
Product Features
• Now available in Lead Free, RoHS
Compliant, & Green Packaging
• High Gain : 15.4 dB at 1950 MHz
• Cascadable 50 Ohm
• Operates From Single Supply
• Low Thermal Resistance Package
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
l
l
a
m
S
B
d
B
d
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
8
.
4
14
.
6
1
4
.
5
1
9
.
4
1
0
.
8
1
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
3
.
6
1
0
.
5
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
5
.
1
3
1
.
8
2
h
t
d
i
w
d
n
a
B
)
B
d
0
1
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
5
4
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
5
9
16
.
7
2
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
5
9
19
.
5
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
5
9
15
.
3
V
D
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
e
c
i
v
e
DV
1
.
36
.
31
.
4
I
D
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
e
c
i
v
e
DA
m4
50
66
6
R
H
T
l
-
j
,
)
d
a
e
l
o
t
n
o
i
t
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°7
9
V
S = 8 V
I
D = 60 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 75 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
Test Conditions:
0
5
10
15
20
0123
456
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 3.6 V, ID= 60 mA
(Typ.)
The SGA-5389 is a high performance SiGe HBT MMIC Amplifier.
A Darlington configuration featuring 1 micron emitters provides
high F
T and excellent thermal perfomance. The heterojunction
increases breakdown voltage and minimizes leakage current
between junctions. Cancellation of emitter junction non-
linearities results in higher suppression of intermodulation prod-
ucts. Only 2 DC-blocking capacitors, a bias resistor and an
optional RF choke are required for operation.
The matte tin finish on Sirenza’s lead-free package utilizes a
post annealing process to mitigate tin whisker formation and is
RoHS compliant per EU Directive 2002/95. This package is also
manufactured with green molding compounds that contain no
antimony trioxide nor halogenated fire retardants.


Similar Part No. - SGA-5389

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-5389 ETC-SGA-5389 Datasheet
443Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
More results

Similar Description - SGA-5389

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6289 ETC-SGA-6289 Datasheet
475Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-5389 ETC-SGA-5389 Datasheet
443Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-6389 SIRENZA-SGA-6389 Datasheet
93Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4486 SIRENZA-SGA-4486 Datasheet
89Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-4386 ETC-SGA-4386 Datasheet
413Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-6486 SIRENZA-SGA-6486 Datasheet
95Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com