Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA-5289Z Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SGA-5289Z
Description  DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-5289Z Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SGA-5289Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-5289Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-5289Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-5289Z Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
EDS-100616 Rev D
Product Description
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this
information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or
granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc.. All worldwide rights
reserved.
SGA-5289
SGA-5289Z Pb
RoHS Compliant
&
Package
Green
DC-5000 MHz, Cascadable
SiGe HBT MMIC Amplifier
Product Features
• Now available in Lead Free, RoHS
Compliant, & Green Packaging
• High Gain : 12.7 dB at 1950 MHz
• Cascadable 50 Ohm
• Operates From Single Supply
• Low Thermal Resistance Package
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
l
l
a
m
S
B
d
B
d
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
1
.
2
14
.
3
1
7
.
2
1
5
.
2
1
7
.
4
1
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
8
.
5
1
4
.
4
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
8
.
1
3
1
.
8
2
h
t
d
i
w
d
n
a
B
)
B
d
0
1
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
0
5
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
5
9
12
.
9
2
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
5
9
11
.
8
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
5
9
18
.
3
V
D
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
e
c
i
v
e
DV
1
.
35
.
39
.
3
I
D
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
e
c
i
v
e
DA
m4
50
66
6
R
H
T
l
-
j
,
)
d
a
e
l
o
t
n
o
i
t
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°7
9
V
S = 8 V
I
D = 60 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = -5 dBm
R
BIAS = 75 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
Test Conditions:
The SGA-5289 is a high performance SiGe HBT MMIC Amplifier. A
Darlington configuration featuring 1 micron emitters provides high
FT and excellent thermal perfomance. The heterojunction
increases breakdown voltage and minimizes leakage current
between junctions. Cancellation of emitter junction non-linearities
results in higher suppression of intermodulation products. Only 2
DC-blocking capacitors, a bias resistor and an optional RF choke
are required for operation.
The matte tin finish on Sirenza’s lead-free package utilizes a post
annealing process to mitigate tin whisker formation and is RoHS
compliant per EU Directive 2002/95. This package is also manu-
factured with green molding compounds that contain no antimony
trioxide nor halogenated fire retardants.
i
0
5
10
15
20
01
23
4
5
6
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 3.5 V, ID= 60 mA
(Typ.)


Similar Part No. - SGA-5289Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-5289Z ETC-SGA-5289Z Datasheet
85Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-5289Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-2386 SIRENZA-SGA-2386 Datasheet
95Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-2286 ETC1-SGA-2286 Datasheet
90Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Stanford Microdevices
SGA-4163 STANFORD-SGA-4163 Datasheet
395Kb / 5P
   DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-2263 SIRENZA-SGA-2263 Datasheet
251Kb / 5P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5386 SIRENZA-SGA-5386 Datasheet
88Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-3386 ETC1-SGA-3386 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2163 SIRENZA-SGA-2163 Datasheet
254Kb / 5P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2286 SIRENZA-SGA-2286 Datasheet
90Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4186 SIRENZA-SGA-4186 Datasheet
88Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Stanford Microdevices
SGA-3286 STANFORD-SGA-3286 Datasheet
275Kb / 4P
   DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com