Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4070BP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF4070BP
Description  Quadruple exclusive-OR gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4070BP Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4070BP Datasheet HTML 1Page - NXP Semiconductors HEF4070BP Datasheet HTML 2Page - NXP Semiconductors HEF4070BP Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
January 1995
2
Philips Semiconductors
Product specification
Quadruple exclusive-OR gate
HEF4070B
gates
DESCRIPTION
The HEF4070B provides the positive quadruple
exclusive-OR function. The outputs are fully buffered for
highest noise immunity and pattern insensitivity of output
impedance.
Fig.1 Functional diagram.
HEF4070BP(N): 14-lead DIL; plastic
(SOT27-1)
HEF4070BD(F): 14-lead DIL; ceramic (cerdip)
(SOT73)
HEF4070BT(D): 14-lead SO; plastic
(SOT108-1)
( ): Package Designator North America
Fig.2 Pinning diagram.
Fig.3 Logic diagram (one gate).
APPLICATION INFORMATION
Some examples of applications for the HEF4070B are:
• Logical comparators
• Parity checkers and generators
FAMILY DATA, IDD LIMITS category GATES
See Family Specifications
TRUTH TABLE
Note
1. H = HIGH state (the more positive voltage)
L = LOW state (the less positive voltage)
I1
I2
O1
LL
L
HL
H
LH
H
HH
L


Similar Part No. - HEF4070BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4070B NEXPERIA-HEF4070B Datasheet
197Kb / 9P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 14 February 2022
HEF4070B-Q100 NEXPERIA-HEF4070B-Q100 Datasheet
719Kb / 11P
   Quad 2-input EXCLUSIVE-OR gate
HEF4070BT NEXPERIA-HEF4070BT Datasheet
197Kb / 9P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 14 February 2022
HEF4070BT-Q100 NEXPERIA-HEF4070BT-Q100 Datasheet
719Kb / 11P
   Quad 2-input EXCLUSIVE-OR gate
More results

Similar Description - HEF4070BP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14070B HITACHI-HD14070B Datasheet
65Kb / 6P
   Quadruple Exclusive-OR Gate, Quadruple Exclusive-NOR Gate
logo
NXP Semiconductors
HEF4030B PHILIPS-HEF4030B Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
logo
Texas Instruments
SN74HC86-Q1 TI1-SN74HC86-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74ACT86-EP TI1-CD74ACT86-EP Datasheet
496Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74ACT11086 TI1-74ACT11086 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-Q1 TI1-SN74LVC86A-Q1 Datasheet
220Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
74AC11086 TI-74AC11086 Datasheet
78Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
REVISED APRIL 1996
CD74AC86 TI1-CD74AC86_14 Datasheet
819Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC86A-EP TI1-SN74LVC86A-EP Datasheet
534Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
logo
Unisonic Technologies
U74AHCT86 UTC-U74AHCT86 Datasheet
175Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com