Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9536DGKRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9536DGKRG4
Description  REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9536DGKRG4 Datasheet(HTML) 3 Page - Texas Instruments

  PCA9536DGKRG4 Datasheet HTML 1Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 2Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 3Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 4Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 5Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 6Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 7Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 8Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
6
I/O
Port
Shift
Register
4 Bits
Input
Filter
7
Power-On
Reset
Read Pulse
Write Pulse
8
4
GND
VCC
SDA
SCL
I2C Bus
Control
P3−P0
Data From
Shift Register
Data From
Shift Register
Write Configuration
Pulse
Write Pulse
Read Pulse
Write Polarity
Pulse
Data From
Shift Register
Output Port
Register
Configuration
Register
Input Port
Register
Polarity
Inversion
Register
Polarity
Register Data
Input Port
Register Data
GND
ESD Protection
Diode
P0 to P3
VCC
Output Port
Register Data
Q1
Q2
D
CK
FF
Q
Q
D
CK
FF
Q
Q
D
CK
FF
Q
Q
D
CK
FF
Q
Q
100 kW
PCA9536
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER
WITH CONFIGURATION REGISTERS
SCPS125C – APRIL 2006 – REVISED NOVEMBER 2006
LOGIC DIAGRAM
A.
All I/Os are set to inputs at reset.
SIMPLIFIED SCHEMATIC OF P0 TO P3
A.
At power-on reset, all registers return to default values.
3
Submit Documentation Feedback


Similar Part No. - PCA9536DGKRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536D NXP-PCA9536D Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
PCA9536D PHILIPS-PCA9536D Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
PCA9536DP PHILIPS-PCA9536DP Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536DP NXP-PCA9536DP Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
More results

Similar Description - PCA9536DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9536 TI-TCA9536 Datasheet
1Mb / 34P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
SCPS275 ??JULY 2021
TCA9536 TI-TCA9536_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9536 TI1-TCA9536_V03 Datasheet
1Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
REVISED DECEMBER 2021
TCA9537 TI-TCA9537 Datasheet
2Mb / 36P
[Old version datasheet]   TCA9537 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
FEBRUARY 2022
TCA9536 TI-TCA9536_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com