Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGA-5286 Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part No. SGA-5286
Description  DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-5286 Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SGA-5286 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-5286 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-5286 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-5286 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
EDS-100610 Rev. C
Product Description
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this
information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or
granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc.. All worldwide rights
reserved.
SGA-5286
SGA-5286Z Pb
RoHS Compliant
&
Package
Green
DC-5000 MHz, Cascadable
SiGe HBT MMIC Amplifier
Product Features
Now available in Lead Free, RoHS
Compliant, & Green Packaging
• High Gain : 12.0 dB at 1950 MHz
• Cascadable 50 Ohm
• Operates From Single Supply
• Low Thermal Resistance Package
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
The SGA-5286 is a high performance SiGe HBT MMIC Amplifier.
A Darlington configuration featuring 1 micron emitters provides
high FT and excellent thermal perfomance. The heterojunction
increases breakdown voltage and minimizes leakage current
between junctions.
Cancellation of emitter junction non-
linearities results in higher suppression of intermodulation prod-
ucts. Only 2 DC-blocking capacitors, a bias resistor and an
optional RF choke are required for operation.
The matte tin finish on Sirenza’s lead-free package utilizes a
post annealing process to mitigate tin whisker formation and is
RoHS compliant per EU Directive 2002/95. This package is also
manufactured with green molding compounds that contain no
antimony trioxide nor halogenated fire retardants.
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
Gn
i
a
G
l
a
n
g
i
S
l
l
a
m
S
B
d
B
d
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
2
.
2
15
.
3
1
0
.
2
1
5
.
1
1
9
.
4
1
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
0
.
7
1
0
.
4
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
O
m
B
d
m
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
0
.
1
3
2
.
7
2
h
t
d
i
w
d
n
a
B
)
B
d
0
1
>
(
s
s
o
L
n
r
u
t
e
R
y
b
d
e
n
i
m
r
e
t
e
Dz
H
M0
0
0
5
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
dz
H
M
0
5
9
15
.
9
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
dz
H
M
0
5
9
14
.
4
2
F
Ne
r
u
g
i
F
e
s
i
o
NB
dz
H
M
0
5
9
19
.
4
V
D
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
e
c
i
v
e
DV
1
.
35
.
39
.
3
I
D
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
e
c
i
v
e
DA
m4
50
66
6
R
H
T
l
-
j
,
)
d
a
e
l
o
t
n
o
i
t
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TW
/
C
°7
9
Test Conditions:
V
S = 8 V
I
D = 60 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = -5 dBm
R
BIAS = 75 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
0
5
10
15
20
01
23
45
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 3.5 V, ID= 60 mA
(Typ.)
T
L=+25ºC


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SGA-3486 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-5386 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-4186 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-4286 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-2163 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-2263 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-6386 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-2363 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-2463 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-2186 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn