Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9534PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534PWR
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534PWR Datasheet(HTML) 1 Page - Texas Instruments

  PCA9534PWR Datasheet HTML 1Page - Texas Instruments PCA9534PWR Datasheet HTML 2Page - Texas Instruments PCA9534PWR Datasheet HTML 3Page - Texas Instruments PCA9534PWR Datasheet HTML 4Page - Texas Instruments PCA9534PWR Datasheet HTML 5Page - Texas Instruments PCA9534PWR Datasheet HTML 6Page - Texas Instruments PCA9534PWR Datasheet HTML 7Page - Texas Instruments PCA9534PWR Datasheet HTML 8Page - Texas Instruments PCA9534PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
FEATURES
DB,DBQ,DGV,DW,ORPWPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
P0
P1
P2
P3
GND
V
CC
SDA
SCL
INT
P7
P6
P5
P4
RGVPACKAGE
(TOP VIEW)
16
6
8
2
10
P7
4
3
1
7
5
12
11
9
13
14
15
P6
INT
SCL
A2
P0
P1
P2
RGTPACKAGE
(TOP VIEW)
16
6
8
2
10
P7
4
3
1
7
5
12
11
9
13
14
15
P6
INT
SCL
A2
P0
P1
P2
DESCRIPTION/ORDERING INFORMATION
PCA9534
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS124B – SEPTEMBER 2006 – REVISED FEBRUARY 2007
• Low Standby Current Consumption of
• Power-Up With All Channels Configured as
1
µA Max
Inputs
• I2C to Parallel Port Expander
• No Glitch on Power-Up
• Open-Drain Active-Low Interrupt Output
• Noise Filter on SCL/SDA Inputs
• Operating Power-Supply Voltage Range of
• Latched Outputs With High-Current Drive
2.3 V to 5.5 V
Maximum Capability for Directly Driving LEDs
• 5-V Tolerant I/O Ports
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• 400-kHz Fast I2C Bus
• ESD Protection Exceeds JESD 22
• Three Hardware Address Pins Allow up to
Eight Devices on the I2C/SMBus
2000-V Human-Body Model (A114-A)
• Input/Output Configuration Register
200-V Machine Model (A115-A)
• Polarity Inversion Register
1000-V Charged-Device Model (C101)
• Internal Power-On Reset
This 8-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 2.3-V to 5.5-V VCC operation. It
provides general-purpose remote I/O expansion for most microcontroller families via the I2C interface [serial
clock (SCL), serial data (SDA)].
The PCA9534 consists of one 8-bit Configuration (input or output selection), Input Port, Output Port, and Polarity
Inversion (active high or active low) register. At power on, the I/Os are configured as inputs. However, the
system master can enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data
for each input or output is kept in the corresponding Input or Output register. The polarity of the Input Port
register can be inverted with the Polarity Inversion register. All registers can be read by the system master.
The system master can reset the PCA9534 in the event of a timeout or other improper operation by utilizing the
power-on reset feature, which puts the registers in their default state and initializes the I2C/SMBus state
machine.
The PCA9534 open-drain interrupt (INT) output is activated when any input state differs from its corresponding
input port register state and is used to indicate to the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the PCA9534 can remain a simple slave device.
The device's outputs (latched) have high-current drive capability for directly driving LEDs. It has low current
consumption.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2006–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9534PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9534PWR TI1-PCA9534PWR Datasheet
1Mb / 40P
[Old version datasheet]   Interrupt Output and Configuration Registers
PCA9534PWRG4 TI1-PCA9534PWRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Interrupt Output and Configuration Registers
More results

Similar Description - PCA9534PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com