Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP601 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP601
Description  2.7V to 5.5V Single-Supply CMOS Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601 Datasheet(HTML) 1 Page - Microchip Technology

  MCP601_04 Datasheet HTML 1Page - Microchip Technology MCP601_04 Datasheet HTML 2Page - Microchip Technology MCP601_04 Datasheet HTML 3Page - Microchip Technology MCP601_04 Datasheet HTML 4Page - Microchip Technology MCP601_04 Datasheet HTML 5Page - Microchip Technology MCP601_04 Datasheet HTML 6Page - Microchip Technology MCP601_04 Datasheet HTML 7Page - Microchip Technology MCP601_04 Datasheet HTML 8Page - Microchip Technology MCP601_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2004 Microchip Technology Inc.
DS21314F-page 1
M
MCP601/2/3/4
Features
• Single-Supply: 2.7V to 5.5V
• Rail-to-Rail Output
• Input Range Includes Ground
• Gain Bandwidth Product: 2.8 MHz (typ.)
• Unity-Gain Stable
• Low Quiescent Current: 230 µA/amplifier (typ.)
• Chip Select (CS): MCP603 only
• Temperature Ranges:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
• Available in Single, Dual and Quad
Typical Applications
• Portable Equipment
• A/D Converter Driver
• Photo Diode Pre-amp
• Analog Filters
• Data Acquisition
• Notebooks and PDAs
• Sensor Interface
Available Tools
• SPICE Macro Models at www.microchip.com
• FilterLab® Software at www.microchip.com
Description
The Microchip Technology Inc. MCP601/2/3/4 family of
low-power operational amplifiers (op amps) are offered
in single (MCP601), single with Chip Select (CS)
(MCP603), dual (MCP602) and quad (MCP604)
configurations. These op amps utilize an advanced
CMOS technology that provides low bias current, high-
speed operation, high open-loop gain and rail-to-rail
output swing. This product offering operates with a
single supply voltage that can be as low as 2.7V, while
drawing 230 µA (typ.) of quiescent current per
amplifier. In addition, the common mode input voltage
range goes 0.3V below ground, making these
amplifiers ideal for single-supply operation.
These devices are appropriate for low-power, battery-
operated circuits due to the low quiescent current, for
A/D convert driver amplifiers because of their wide
bandwidth or for anti-aliasing filters by virtue of their low
input bias current.
The MCP601, MCP602 and MCP603 are available in
standard 8-lead PDIP, SOIC and TSSOP packages.
The MCP601 and MCP601R are also available in a
standard 5-lead SOT-23 package, while the MCP603 is
available in a standard 6-lead SOT-23 package. The
MCP604 is offered in standard 14-lead PDIP, SOIC and
TSSOP packages.
The MCP601/2/3/4 family is available in the Industrial
and Extended temperature ranges and has a power
supply range of 2.7V to 5.5V.
Package Types
VIN+
VIN
VSS
VOUT
VDD
1
2
3
4
8
7
6
5
NC
NC
NC
VINA+
VINA
VDD
VINC+
VSS
VOUTC
VINC
VOUTA
VINB+
VIND
VOUTD
VOUTB
VINB
VIND+
VINA+
VINA
VSS
VINB
VOUTB
1
2
3
4
8
7
6
5
VDD
VINB+
VOUTA
MCP601
PDIP, SOIC, TSSOP
MCP604
PDIP, SOIC, TSSOP
MCP602
PDIP, SOIC, TSSOP
VIN+
VSS
VIN
1
2
3
5
4
VDD
VOUT
MCP601
SOT23-5
VIN+
VSS
VIN
1
2
3
6
4
VDD
VOUT
MCP603
SOT23-6
CS
5
VIN+
VIN
VSS
VOUT
VDD
1
2
3
4
8
7
6
5
CS
NC
NC
MCP603
PDIP, SOIC, TSSOP
14
13
12
1
2
3
4
5
6
7
11
10
9
8
VIN+
VDD
VIN
1
2
3
5
4
VSS
VOUT
MCP601R
SOT23-5
2.7V to 5.5V Single-Supply CMOS Op Amps


Similar Part No. - MCP601_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601_07 Datasheet
611Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
More results

Similar Description - MCP601_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
   2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP601 MICROCHIP-MCP601_07 Datasheet
611Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP601T-E MICROCHIP-MCP601T-E Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602I-P MICROCHIP-MCP602I-P Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602-E MICROCHIP-MCP602-E Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP604T-I MICROCHIP-MCP604T-I Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602T-I MICROCHIP-MCP602T-I Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP604-I MICROCHIP-MCP604-I Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
logo
Maxim Integrated Produc...
MAX2622EVKIT MAXIM-MAX2622EVKIT Datasheet
178Kb / 2P
   2.7V to 5.5V Single-Supply Operation
Rev 1; 5/00
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com