Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA8550DBR Datasheet(PDF) 8 Page - Texas Instruments

Part # PCA8550DBR
Description  NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA8550DBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA8550DBR Datasheet HTML 4Page - Texas Instruments PCA8550DBR Datasheet HTML 5Page - Texas Instruments PCA8550DBR Datasheet HTML 6Page - Texas Instruments PCA8550DBR Datasheet HTML 7Page - Texas Instruments PCA8550DBR Datasheet HTML 8Page - Texas Instruments PCA8550DBR Datasheet HTML 9Page - Texas Instruments PCA8550DBR Datasheet HTML 10Page - Texas Instruments PCA8550DBR Datasheet HTML 11Page - Texas Instruments PCA8550DBR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PCA8550D
ACTIVE
SOIC
D
16
TBD
Call TI
Call TI
PCA8550DBR
ACTIVE
SSOP
DB
16
TBD
Call TI
Call TI
PCA8550DBRE4
ACTIVE
SSOP
DB
16
TBD
Call TI
Call TI
PCA8550DE4
ACTIVE
SOIC
D
16
TBD
Call TI
Call TI
PCA8550DR
ACTIVE
SOIC
D
16
TBD
Call TI
Call TI
PCA8550DRE4
ACTIVE
SOIC
D
16
TBD
Call TI
Call TI
PCA8550PWR
ACTIVE
TSSOP
PW
16
TBD
Call TI
Call TI
PCA8550PWRE4
ACTIVE
TSSOP
PW
16
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
26-Dec-2005
Addendum-Page 1


Similar Part No. - PCA8550DBR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550DB PHILIPS-PCA8550DB Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
logo
Texas Instruments
PCA8550DB TI-PCA8550DB Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
More results

Similar Description - PCA8550DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
Siemens Semiconductor G...
SDA2546-5 SIEMENS-SDA2546-5 Datasheet
142Kb / 12P
   Nonvolatile Memory 4-Kbit E2PROM with I2C Bus Interface
logo
Maxim Integrated Produc...
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
logo
List of Unclassifed Man...
FM573 ETC-FM573 Datasheet
94Kb / 10P
   Nonvolatile Octal Latch/Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com