Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA8550D Datasheet(PDF) 4 Page - Texas Instruments

Part # PCA8550D
Description  NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA8550D Datasheet(HTML) 4 Page - Texas Instruments

  PCA8550D Datasheet HTML 1Page - Texas Instruments PCA8550D Datasheet HTML 2Page - Texas Instruments PCA8550D Datasheet HTML 3Page - Texas Instruments PCA8550D Datasheet HTML 4Page - Texas Instruments PCA8550D Datasheet HTML 5Page - Texas Instruments PCA8550D Datasheet HTML 6Page - Texas Instruments PCA8550D Datasheet HTML 7Page - Texas Instruments PCA8550D Datasheet HTML 8Page - Texas Instruments PCA8550D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Recommended Operating Conditions
Electrical Characteristics
Nonvolatile Storage Specifications
PCA8550
NONVOLATILE 5-BIT REGISTER
WITH I2C INTERFACE
SCPS050C – MARCH 1999 – REVISED MAY 2005
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
SCL, SDA
2.7
4
VIH
High-level input voltage
V
OVERRIDE, MUX IN, MUX SELECT, WP
2
4
SCL, SDA
–0.5
0.9
VIL
Low-level input voltage
V
OVERRIDE, MUX IN, MUX SELECT, WP
–0.5
0.8
IOH
High-level output current
MUX OUT, NON-MUXED OUT
–2
mA
SDA
6
IOL
Low-level output current
mA
MUX OUT, NON-MUXED OUT
2
∆t/∆v
Input transition rise or fall rate
OVERRIDE, MUX IN, MUX SELECT, WP
10
ns/V
TA
Operating free-air temperature
0
70
°C
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
–1.5
V
Vhys(1)
SCL, SDA
0.19
V
IOH = –100 µA
2
2.625
MUX OUT
IOH = –1 mA
1.7
2.625
VOH
V
IOH = –100 µA
2.4
3.6
NON-MUXED OUT
IOH = –2 mA
2
3.6
IOL = 100 µA
–0.3
0.4
MUX OUT
IOL = 2 mA
–0.3
0.7
IOL = 100 µA
–0.5
0.4
VOL
NON-MUXED OUT
V
IOL = 2 mA
–0.5
0.7
IOL = 3 mA
0.4
SDA
IOL = 6 mA
0.6
SCL, SDA
–1.5
–12
µA
IIH
OVERRIDE, MUX SELECT, WP
VIH = 2.4 V
–20
–100
MUX IN
–0.166
–0.75
mA
SCL, SDA
–7
–32
µA
IIL
OVERRIDE, MUX SELECT, WP
VIL = 0.4 V
–86
–267
MUX IN
–0.72
–2
mA
During read or write cycle
VI = 0 to VCC,
IO = 0,
VCC = 3.3 V
10
mA
ICC
Not during read or write cycle
VI = VCC,
IO = 0
500
µA
Ci
VI = VCC or GND
10
pF
(1)
Vhys is the hysteresis of Schmitt-trigger inputs.
PARAMETER
SPECIFICATIONS
Write time (twr)
10 ms, typical
Memory-cell data retention
10 years, minimum
Maximum number of memory-cell write cycles
1000 cycles, minimum
4


Similar Part No. - PCA8550D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550D PHILIPS-PCA8550D Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
logo
Texas Instruments
PCA8550D TI-PCA8550D Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
NXP Semiconductors
PCA8550DB PHILIPS-PCA8550DB Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
logo
Texas Instruments
PCA8550DB TI-PCA8550DB Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
More results

Similar Description - PCA8550D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
Siemens Semiconductor G...
SDA2546-5 SIEMENS-SDA2546-5 Datasheet
142Kb / 12P
   Nonvolatile Memory 4-Kbit E2PROM with I2C Bus Interface
logo
Maxim Integrated Produc...
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
logo
Microchip Technology
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
   7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
logo
List of Unclassifed Man...
FM573 ETC-FM573 Datasheet
94Kb / 10P
   Nonvolatile Octal Latch/Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com