Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96P
Description  DUAL BIDIRECTIONAL BUS BUFFER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P82B96P Datasheet(HTML) 1 Page - Texas Instruments

  P82B96P Datasheet HTML 1Page - Texas Instruments P82B96P Datasheet HTML 2Page - Texas Instruments P82B96P Datasheet HTML 3Page - Texas Instruments P82B96P Datasheet HTML 4Page - Texas Instruments P82B96P Datasheet HTML 5Page - Texas Instruments P82B96P Datasheet HTML 6Page - Texas Instruments P82B96P Datasheet HTML 7Page - Texas Instruments P82B96P Datasheet HTML 8Page - Texas Instruments P82B96P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
D PACKAGE
(TOP VIEW)
GND
1
2
3
4
5
6
7
8
Sx
Rx
Tx
Ty
Ry
Sy
V
CC
P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
Sx
Rx
Tx
GND
Ty
Ry
Sy
V
CC
DGK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
Ty
Ry
Sy
V
CC
Sx
Rx
Tx
GND
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
Sx
Rx
Tx
GND
Ty
Ry
Sy
V
CC
DESCRIPTION/ORDERING INFORMATION
P82B96
DUAL BIDIRECTIONAL BUS BUFFER
SCPS144A – MAY 2006 – REVISED SEPTEMBER 2006
Operating Power-Supply Voltage Range
400-kHz Fast I2C Bus Operation Over at Least
of 2 V to 15 V
20 Meters of Wire
Can Interface Between I2C Buses Operating
Low Standby Current Consumption
at Different Logic Levels (2 V to 15 V)
Latch-Up Performance Exceeds 100 mA Per
Supports Bidirectional Data Transfer of I2C
JESD 78, Class II
Bus Signals
ESD Protection Exceeds JESD 22
Allows Bus Capacitance of 400 pF on the
– 3500-V Human-Body Model (A114-A)
Main I2C Bus (Sx/Sy Side) and 4000 pF on the
– 200-V Machine Model (A115-A)
Transmission Side (Tx/Ty)
– 1000-V Charged-Device Model (C101)
Outputs on the Transmission Side (Tx/Ty)
Have High Sink Capability for Driving
Low-Impedance or High-Capacitive Buses
I2C Bus Signals Can Be Split Into Pairs of
Forward (Tx/Ty) and Reverse (Rx/Ry) Signals
for Interface With Optoelectrical Isolators and
Similar Devices That Need Unidirectional
Input and Output Signal Paths
The P82B96 is a bipolar device that supports bidirectional data transfer between the normal I2C bus and a range
of other bus configurations with different voltage and current levels. It can function as the interface without any
limitations on the normal I2C operation and clock speed.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – P
Tube of 50
P82B96P
P82B96P
Reel of 2000
P82B96DR
SOIC – D
PG96
Tube of 75
P82B96D
–40
°C to 85°C
Reel of 2000
P82B96PWR
TSSOP – PW
PG96
Tube of 150
P82B96PW
VSSOP – DGK
Reel of 2500
P82B96DGKR
7DS
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - P82B96P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96P TI-P82B96P Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96P TI1-P82B96P Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
P82B96PE4 TI-P82B96PE4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96PN PHILIPS-P82B96PN Datasheet
217Kb / 16P
   Dual bi-directional bus buffer
2004 Mar 26
P82B96PN PHILIPS-P82B96PN Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
More results

Similar Description - P82B96P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com