Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33063AP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MC33063AP
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33063AP Datasheet(HTML) 1 Page - Texas Instruments

  MC33063AP Datasheet HTML 1Page - Texas Instruments MC33063AP Datasheet HTML 2Page - Texas Instruments MC33063AP Datasheet HTML 3Page - Texas Instruments MC33063AP Datasheet HTML 4Page - Texas Instruments MC33063AP Datasheet HTML 5Page - Texas Instruments MC33063AP Datasheet HTML 6Page - Texas Instruments MC33063AP Datasheet HTML 7Page - Texas Instruments MC33063AP Datasheet HTML 8Page - Texas Instruments MC33063AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
Switch Collector
Switch Emitter
Timing Capacitor
GND
Driver Collector
Ipk
VCC
Comparator Inverting Input
D (SOIC) OR P (PDIP) PACKAGE
(TOP VIEW)
DRJ (QFN) PACKAGE
(TOP VIEW)
Comparator Inverting Input
Switch Collector
2
3
4
1
8
7
6
5
Switch Emitter
Timing Capacitor
GND
VCC
Ipk
Driver Collector
Exposed thermal pad is connected internally to GND via die attach.
DESCRIPTION/ORDERING INFORMATION
MC33063A, MC34063A
1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
SLLS636J – DECEMBER 2004 – REVISED OCTOBER 2005
Wide Input Voltage Range
…3 V to 40 V
Precision Internal Reference
…2%
High Output Switch Current
…Up to 1.5 A
Short-Circuit Current Limiting
Adjustable Output Voltage
Low Standby Current
Oscillator Frequency
…Up to 100 kHz
The MC33063A and MC34063A are easy-to-use ICs containing all the primary circuitry needed for building
simple dc-dc converters. These devices primarily consist of an internal temperature-compensated reference, a
comparator, an oscillator, a PWM controller with active current limiting, a driver, and a high-current output switch.
Thus, the devices require minimal external components to build converters in the boost, buck, and inverting
topologies.
The MC33063A is characterized for operation from –40
°C to 85°C, while the MC34063A is characterized for
operation from 0
°C to 70°C.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – P
Tube of 50
MC33063AP
MC33063AP
QFN – DRJ
Reel of 1000
MC33063ADRJR
PREVIEW
–40
°C to 85°C
Tube of 75
MC33063AD
SOIC – D
M33063A
Reel of 2500
MC33063ADR
PDIP – P
Tube of 50
MC34063AP
MC34063AP
QFN – DRJ
Reel of 1000
MC34063ADRJR
PREVIEW
0
°C to 70°C
Tube of 75
MC34063AD
SOIC – D
M34063A
Reel of 2500
MC34063ADR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MC33063AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC33063AP FAIRCHILD-MC33063AP Datasheet
46Kb / 8P
   SMPS Controller
logo
Texas Instruments
MC33063AP TI-MC33063AP Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Fairchild Semiconductor
MC33063AP FAIRCHILD-MC33063AP Datasheet
525Kb / 7P
   SMPS Controller
logo
Texas Instruments
MC33063AP TI-MC33063AP Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063AP TI1-MC33063AP Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Similar Description - MC33063AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com