Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGA-2186 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part No. SGA-2186
Description  DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-2186 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SGA-2186 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-2186 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-2186 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-2186 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EDS-100623 Rev E
Preliminary
SGA-2186 DC-5000 MHz Cascadable MMIC Amplifier
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
0
3
6
9
12
01
2
3
4
5
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
-30
-25
-20
-15
-10
01
23
4
5
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
0
12345
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
-40
-30
-20
-10
0
0
12345
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
T
L
Typical RF Performance Over Temperature ( Bias: V
D= 2.2 V,
I
D= 20 mA (Typ.) )
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency
NOTE: Full S-parameter data available at www.sirenza.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SGA-5386 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-2163 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-2263 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-6386 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  SIRENZA MICRODEVICES
SGA-2363 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-2463 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-3463 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-4163 DC-5000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-4363 DC-4000 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES
SGA-4463 DC-3500 MHz Cascadable SiGe HBT MMIC Amplifier 1  2  3  4  5  SIRENZA MICRODEVICES

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn