Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4052BN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4052BN
Description  Dual 4-channel analogue multiplexer/demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4052BN Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4052BN Datasheet HTML 1Page - NXP Semiconductors HEF4052BN Datasheet HTML 2Page - NXP Semiconductors HEF4052BN Datasheet HTML 3Page - NXP Semiconductors HEF4052BN Datasheet HTML 4Page - NXP Semiconductors HEF4052BN Datasheet HTML 5Page - NXP Semiconductors HEF4052BN Datasheet HTML 6Page - NXP Semiconductors HEF4052BN Datasheet HTML 7Page - NXP Semiconductors HEF4052BN Datasheet HTML 8Page - NXP Semiconductors HEF4052BN Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
January 1995
5
Philips Semiconductors
Product specification
Dual 4-channel analogue multiplexer/demultiplexer
HEF4052B
MSI
DC CHARACTERISTICS
Tamb =25 °C
VDD−VEE
V
SYMBOL
TYP.
MAX.
CONDITIONS
5
350
2500
Vis = 0 to VDD−VEE
see Fig.6
ON resistance
10
RON
80
245
15
60
175
5
115
340
Vis =0
see Fig.6
ON resistance
10
RON
50
160
15
40
115
5
120
365
Vis =VDD−VEE
see Fig.6
ON resistance
10
RON
65
200
15
50
155
∆’ ON resistance
5
25
−Ω
Vis = 0 to VDD−VEE
see Fig.6
between any two
10
∆RON
10
−Ω
channels
15
5
−Ω
OFF-state leakage
5
−−
nA
E at VDD
current, all
10
IOZZ
−−
nA
channels OFF
15
1000
nA
OFF-state leakage
5
−−
nA
E at VSS
current, any
10
IOZY
−−
nA
channel
15
200
nA
Fig.5 Operating area as a function of the supply voltages.


Similar Part No. - HEF4052BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4052B NXP-HEF4052B Datasheet
166Kb / 22P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 8-17 November 2011
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
logo
NXP Semiconductors
HEF4052B-Q100 NXP-HEF4052B-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
HEF4052B-Q100 NEXPERIA-HEF4052B-Q100 Datasheet
292Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 15 December 2021
logo
NXP Semiconductors
HEF4052BP NXP-HEF4052BP Datasheet
166Kb / 22P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 8-17 November 2011
More results

Similar Description - HEF4052BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051B PHILIPS-HEF4051B Datasheet
121Kb / 9P
   8-channel analogue multiplexer/demultiplexer
January 1995
HEF4067B PHILIPS-HEF4067B Datasheet
110Kb / 9P
   16-channel analogue multiplexer/demultiplexer
January 1995
HEF4053B PHILIPS-HEF4053B Datasheet
118Kb / 9P
   Triple 2-channel analogue multiplexer/demultiplexer
January 1995
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com