Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MGFC4419G Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. MGFC4419G
Description  InGaAs HEMT Chip
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MGFC4419G Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MGFC4419G
MITSUBISHI SEMICONDUCTOR <GaAs FET>
InGaAs HEMT Chip
MITSUBISHI
ELECTRIC
PRELIMINARY
Notice : This is not a final specification
Some parametric limits are subject to change.
Typical Characteristics
as of Jan.'98
(2/4)


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGF4931AMSUPER LOW NOISE InGaAs HEMT 4pin flat lead package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4953ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF431XGSuper Low Noise InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910DTAPE CARRIER SUPER LOW NOISE INGAAS HEMT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MGF4714CPPLASTIC MOLD PACKAGED LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910ESUPER LOW MOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
MGF491XGSUPER LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4951ASUPER LOW NOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
MGF4851ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
CFY77AlGaAs / InGaAs HEMT Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn