Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MGFC4419G Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. MGFC4419G
Description  InGaAs HEMT Chip
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MGFC4419G Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MGFC4419G
MITSUBISHI SEMICONDUCTOR <GaAs FET>
InGaAs HEMT Chip
MITSUBISHI
ELECTRIC
PRELIMINARY
Notice : This is not a final specification
Some parametric limits are subject to change.
S Parameters for MGFC4419G (Simulated Value)
(Conditions:VDS=2V,IDS=10mA,Ta=25C)
f
S11
S21
S12
S22
K
GMAX
(GHz)
Magn.
Angle
Magn.
Angle
Mag.
Angle
Mag.
Angle
(dB)
1
0.994
-12.1
5.823
169.7
0.019
82.3
0.666
-8.8
0.05
24.8
2
0.977
-24.1
5.709
159.5
0.037
74.8
0.652
-17.4
0.10
21.8
3
0.951
-35.8
5.534
149.6
0.054
67.5
0.630
-25.7
0.16
20.1
4
0.918
-47.0
5.314
140.2
0.070
60.8
0.602
-33.7
0.21
18.8
5
0.882
-57.8
5.066
131.3
0.083
54.5
0.570
-41.2
0.26
17.9
6
0.844
-68.1
4.804
122.9
0.094
48.8
0.536
-48.3
0.31
17.1
7
0.808
-77.9
4.542
114.9
0.103
43.5
0.502
-55.1
0.36
16.4
8
0.773
-87.2
4.286
107.4
0.111
38.8
0.469
-61.6
0.41
15.9
9
0.742
-96.2
4.043
100.4
0.117
34.5
0.438
-67.7
0.46
15.4
10
0.713
-104.7
3.813
93.7
0.123
30.6
0.408
-73.7
0.51
14.9
11
0.688
-112.9
3.599
87.4
0.127
27.0
0.380
-79.6
0.56
14.5
12
0.667
-120.7
3.401
81.3
0.130
23.8
0.355
-85.5
0.61
14.2
13
0.649
-128.2
3.218
75.6
0.133
20.9
0.332
-91.3
0.66
13.8
14
0.634
-135.4
3.049
70.0
0.135
18.2
0.311
-97.3
0.71
13.5
15
0.623
-142.4
2.893
64.7
0.137
15.8
0.293
-103.4
0.75
13.2
16
0.614
-149.0
2.750
59.5
0.139
13.5
0.277
-109.6
0.80
13.0
17
0.607
-155.4
2.616
54.5
0.140
11.5
0.263
-116.0
0.84
12.7
18
0.603
-161.5
2.493
49.6
0.141
9.6
0.251
-122.6
0.88
12.5
19
0.600
-167.3
2.379
44.9
0.142
7.9
0.242
-129.4
0.92
12.2
20
0.599
-172.9
2.272
40.3
0.143
6.3
0.235
-136.3
0.95
12.0
21
0.600
-178.3
2.173
35.8
0.144
4.9
0.230
-143.3
0.99
11.8
22
0.602
176.6
2.080
31.4
0.145
3.5
0.227
-150.4
1.02
10.8
23
0.606
171.7
1.993
27.1
0.146
2.2
0.227
-157.3
1.04
10.1
24
0.610
167.0
1.911
22.8
0.147
1.1
0.228
-164.2
1.07
9.5
25
0.615
162.5
1.833
18.7
0.148
-0.1
0.232
-170.8
1.09
9.1
26
0.621
158.2
1.760
14.6
0.150
-1.1
0.237
-177.2
1.11
8.7
27
0.627
154.0
1.691
10.7
0.151
-2.1
0.243
176.8
1.13
8.3
28
0.634
150.1
1.626
6.8
0.152
-3.1
0.251
171.0
1.14
8.0
29
0.641
146.3
1.564
3.0
0.154
-4.1
0.261
165.6
1.15
7.7
30
0.649
142.6
1.504
-0.8
0.155
-5.1
0.271
160.5
1.15
7.5
31
0.657
139.1
1.448
-4.5
0.157
-6.0
0.281
155.7
1.16
7.2
32
0.664
135.8
1.394
-8.1
0.159
-7.0
0.293
151.1
1.16
7.0
33
0.672
132.5
1.343
-11.6
0.161
-8.0
0.305
146.9
1.16
6.8
34
0.680
129.4
1.293
-15.0
0.163
-9.0
0.317
142.8
1.15
6.6
35
0.688
126.4
1.246
-18.4
0.166
-10.0
0.330
139.0
1.15
6.4
36
0.696
123.4
1.201
-21.7
0.168
-11.0
0.343
135.4
1.14
6.3
37
0.703
120.6
1.158
-24.9
0.170
-12.1
0.356
132.0
1.13
6.1
38
0.710
117.9
1.117
-28.1
0.173
-13.2
0.369
128.7
1.12
6.0
39
0.717
115.3
1.078
-31.2
0.175
-14.3
0.382
125.6
1.11
5.8
40
0.724
112.8
1.040
-34.2
0.178
-15.4
0.394
122.6
1.10
5.7
as of Jan.'98


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGF4931AMSUPER LOW NOISE InGaAs HEMT 4pin flat lead package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4953ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF431XGSuper Low Noise InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910DTAPE CARRIER SUPER LOW NOISE INGAAS HEMT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MGF4714CPPLASTIC MOLD PACKAGED LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910ESUPER LOW MOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
MGF491XGSUPER LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4951ASUPER LOW NOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
MGF4851ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
CFY77AlGaAs / InGaAs HEMT Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn