Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGFC4419G Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. MGFC4419G
Description  InGaAs HEMT Chip
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC4419G Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MGFC4419G Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC4419G Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFC4419G Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGFC4419G Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGFC4419G Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MGFC4419G
MITSUBISHI SEMICONDUCTOR <GaAs FET>
InGaAs HEMT Chip
MITSUBISHI
ELECTRIC
PRELIMINARY
Notice : This is not a final specification
Some parametric limits are subject to change.
TECHNICAL NOTE
1. Characteristics and quality assurance
1.1 Electrical characteristics
a. DC characteristics on spec. sheet show the test conditions and values using wafer-prober. DC characteristics
are tested 100% devices.
b. RF characteristics are tested using the corresponding packaged FET. When more than 80% 0f the samples
satisfy the value of RF characteristics on spec. sheet , that wafer is accepted for shipment.
1.2 Quality assurance and reliability
a. Mechanical characteristics are tested using corresponding package with sampling test.
b. Visual inspection is complied with MITSUBISHI's technical note.
c. The electrical characteristics and the quality assurance test are sampling test. And so the shipped chips are
contained some sub-standard articles.
d. After opening the packing , the quality of chips are influenced with storage conditions. Our recommended
storage conditions and period is as follows:
Ta=25±3 deg.C
MITSUBISHI's packing + Desiccator
6 months
Opened packing + Desiccator
2 months
In the desiccator , leave the chips in the pack keeping up-side-up and store in a clean and dry enviroment ,
preferable dry N2.
e. Packing quantity
Standard : 400 pcs. or 50 pcs. / each waffle pack
Custom order : 25~400 pcs. / each waffle pack
by 25 pcs. step
In case of long storage exceeding 2 months at customer after opening the packing , total quantity of order
shall be separated and small unit quantity of each orders shall be custome ordered. In this case , we may
prepare special spec. No. for each customer. (ex . -21,-22 )
1.3 Others
The device shall not be returned in the following case.
a. Inadequate storage
b. Mishandling
c. Incorrect die/wire bonding
d. RF characteristics failure rate less than 30%.
2. Ordering information
The classification with Visual grade & packing quantity
is listed in Table.1.
Spec.No. Visual Grade Unit quantity for
each waffle packe
-A01
A
-A02
B
400 pcs
-A03
C
-A11
A
-A12
B
25 pcs
-A13
C
Table.1. Standard specifications
as of Jan.'98
(4/4)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGF4931AMSUPER LOW NOISE InGaAs HEMT 4pin flat lead package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4953ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF431XGSuper Low Noise InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910DTAPE CARRIER SUPER LOW NOISE INGAAS HEMT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MGF4714CPPLASTIC MOLD PACKAGED LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910ESUPER LOW MOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
MGF491XGSUPER LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4951ASUPER LOW NOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
MGF4851ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
CFY77AlGaAs / InGaAs HEMT Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn