Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT-0100 Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # SFT-0100
Description  Transimpedance Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SFT-0100 Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  SFT-0100 Datasheet HTML 1Page - SIRENZA MICRODEVICES SFT-0100 Datasheet HTML 2Page - SIRENZA MICRODEVICES SFT-0100 Datasheet HTML 3Page - SIRENZA MICRODEVICES SFT-0100 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
4
EDS-102714 Rev. D
Preliminary Data Sheet
SFT-0100 Transimpedance Amplifier
DCDR
IMON
GND
OUTP
GND
OUTN
GND
GND
GND
IN
GND
GND
VCC
CEXT
Zo = 50
Zo = 50
Zo = 50
IN
OUTN
OUTP
100pF
1000pF 0.1uF
100pF
1000pF
0.1uF
Imon
Vcc (5V)
Vcc (5V)
100pF
1000pF 0.1uF
100pF
1000pF
0.1uF
R
DCDR
(1K-50K
Ω, optional)
Application Circuit
Description of External Connections and How They Operate
Imon: When tied to the supply voltage through an amme-
ter, the current through the ammeter “Imon” reflects the
average photo diode current. The Imon current will be
approximately the value of the average photo diode cur-
rent and will be directly proportional to this quantity. Imon
can be used for loss of signal detection or photodiode/fiber
alignment in manufacturing. A third function this monitor
can provide is the manual adjustment of the DCDR thresh-
old. With no input photocurrent applied to the TIA, the
Imon will give a finite quiescent current (uA). The finite cur-
rent indicates that the automatic circuit has already started
to turn on. By employing a shunt resistor (1K-50K) on the
CDCDR port to ground, this threshold can be reduced (cur-
rent can be reduced to a few uA) setting the automatic cir-
cuit for maximum sensitivity and dynamic range.
DCDR (Duty Cycle Distortion Reduction): This patented
feature compensates for the duty cycle distortion as a
result of high input current seen by the amplifier. As the
optical input power and induced photo current is
increased, an automatic circuit is invoked to prevent dis-
torted operation in the transistors of the TIA. The threshold
input current where the circuit turns on can be adjusted by
employing a shunt resistor to ground at the DCDR pin. The
value of the shunt resistor can be set between 1K and
50K. The lower the value, the higher the input current
threshold in which the circuit turns on. In order to optimize
for maximum sensitivity and dynamic range, the Imon cur-
rent can be monitored while tuning this shunt resistor.
Optimum sensitivity and dynamic range can be obtained
by tuning the resistor value until only a few uA of Imon cur-
rent is observed when there is no optical input power
applied.
CDCDR: An off chip capacitor is required in order to inte-
grate and produce the automatic circuit control voltage.
CEXT: An off chip capacitor sets the lower frequency of
operation for the amplifier. For 30KHz operation and
below, a 0.1uF capacitor is required. Wirebond length is
critical and should be minimized.
CVCC: An off chip bypass capacitor is required. Wirebond
length is critical and should be minimized.
Ground Wirebonds: The SFT-0100 has backside vias
and backside metal. The bottom of the die must be electri-
cally connected to ground using eutectic or conductive
epoxy die attach methods. It is not recommended to attach
any wirebonds to the top GND pads.


Similar Part No. - SFT-0100

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SFT-10 LUMINUS-SFT-10 Datasheet
7Mb / 19P
   LED Chipset in SMT and Starboard Configurations
SFT-10-B-F35-EPC LUMINUS-SFT-10-B-F35-EPC Datasheet
7Mb / 19P
   LED Chipset in SMT and Starboard Configurations
SFT-10-B-F35-EPD LUMINUS-SFT-10-B-F35-EPD Datasheet
7Mb / 19P
   LED Chipset in SMT and Starboard Configurations
SFT-10-B-R35-EPC LUMINUS-SFT-10-B-R35-EPC Datasheet
7Mb / 19P
   LED Chipset in SMT and Starboard Configurations
SFT-10-B-R35-EPD LUMINUS-SFT-10-B-R35-EPD Datasheet
7Mb / 19P
   LED Chipset in SMT and Starboard Configurations
More results

Similar Description - SFT-0100

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
logo
ANADIGICS, Inc
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com