Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC660AIM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC660AIM
Description  CMOS Quad Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660AIM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC660AIM Datasheet HTML 1Page - National Semiconductor (TI) LMC660AIM Datasheet HTML 2Page - National Semiconductor (TI) LMC660AIM Datasheet HTML 3Page - National Semiconductor (TI) LMC660AIM Datasheet HTML 4Page - National Semiconductor (TI) LMC660AIM Datasheet HTML 5Page - National Semiconductor (TI) LMC660AIM Datasheet HTML 6Page - National Semiconductor (TI) LMC660AIM Datasheet HTML 7Page - National Semiconductor (TI) LMC660AIM Datasheet HTML 8Page - National Semiconductor (TI) LMC660AIM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics V
S = ±7.5V, TA = 25˚C unless otherwise specified.
Supply Current vs. Supply Voltage
Offset Voltage
00876724
00876725
Input Bias Current
Output Characteristics Current Sinking
00876726
00876727
Output Characteristics Current Sourcing
Input Voltage Noise vs. Frequency
00876728
00876729
www.national.com
5


Similar Part No. - LMC660AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660AIM NSC-LMC660AIM Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC660AIM NSC-LMC660AIM Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC660AIM TI1-LMC660AIM Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
LMC660AIM/NOPB TI1-LMC660AIM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660AIMEP NSC-LMC660AIMEP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
More results

Similar Description - LMC660AIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
LMC660CMX TI1-LMC660CMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com