Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM101J883 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM101J883
Description  Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101J883 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM101J883 Datasheet HTML 5Page - National Semiconductor (TI) LM101J883 Datasheet HTML 6Page - National Semiconductor (TI) LM101J883 Datasheet HTML 7Page - National Semiconductor (TI) LM101J883 Datasheet HTML 8Page - National Semiconductor (TI) LM101J883 Datasheet HTML 9Page - National Semiconductor (TI) LM101J883 Datasheet HTML 10Page - National Semiconductor (TI) LM101J883 Datasheet HTML 11Page - National Semiconductor (TI) LM101J883 Datasheet HTML 12Page - National Semiconductor (TI) LM101J883 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Typical Applications (Note 9)
Variable Capacitance Multiplier
00775220
Simulated Inductor
00775221
L
. R1 R2 C1
RS =R2
RP =R1
Fast Inverting Amplifier
with High Input Impedance
00775222
Inverting Amplifier
with Balancing Circuit
00775223
†May be zero or equal to parallel combination of R1 and R2 for minimum
offset.
Sine Wave Oscillator
00775224
fo =10kHz
Integrator with Bias Current Compensation
00775225
*Adjust for zero integrator drift. Current drift typically 0.1 nA/˚C over −55˚C
to +125˚C temperature range.
www.national.com
9


Similar Part No. - LM101J883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM101J/883 NSC-LM101J/883 Datasheet
509Kb / 17P
   Operational Amplifiers
More results

Similar Description - LM101J883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com