Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEF4052B Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. HEF4052B
Description  Dual 4-channel analogue multiplexer/demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4052B Datasheet(HTML) 7 Page - NXP Semiconductors

  HEF4052B Datasheet HTML 1Page - NXP Semiconductors HEF4052B Datasheet HTML 2Page - NXP Semiconductors HEF4052B Datasheet HTML 3Page - NXP Semiconductors HEF4052B Datasheet HTML 4Page - NXP Semiconductors HEF4052B Datasheet HTML 5Page - NXP Semiconductors HEF4052B Datasheet HTML 6Page - NXP Semiconductors HEF4052B Datasheet HTML 7Page - NXP Semiconductors HEF4052B Datasheet HTML 8Page - NXP Semiconductors HEF4052B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
January 1995
7
Philips Semiconductors
Product specification
Dual 4-channel analogue multiplexer/demultiplexer
HEF4052B
MSI
AC CHARACTERISTICS
VEE =VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
AC CHARACTERISTICS
VEE =VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1 300 fi +∑(foCL) × VDD2
where
dissipation per
10
6 100 fi +∑(foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
15 600 fi +∑(foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑(f
oCL) = sum of outputs
VDD = supply voltage (V)
VDD
V
SYMBOL
TYP.
MAX.
Propagation delays
Vis → Vos
510
20
ns
note 1
HIGH to LOW
10
tPHL
510
ns
15
5
10
ns
510
20
ns
note 1
LOW to HIGH
10
tPLH
510
ns
15
5
10
ns
An → Vos
5
150
305
ns
note 2
HIGH to LOW
10
tPHL
65
135
ns
15
50
100
ns
5
150
300
ns
note 2
LOW to HIGH
10
tPLH
75
150
ns
15
50
100
ns
Output disable times
E
→ Vos
5
95
190
ns
note 3
HIGH
10
tPHZ
90
180
ns
15
90
180
ns
5
100
205
ns
note 3
LOW
10
tPLZ
90
180
ns
15
90
180
ns
Output enable times
E
→ Vos
5
130
260
ns
note 3
HIGH
10
tPZH
55
115
ns
15
45
85
ns
5
120
240
ns
note 3
LOW
10
tPZL
50
100
ns
15
35
75
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn