Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2431 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2431
Description  System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2431_07 Datasheet HTML 3Page - Texas Instruments CC2431_07 Datasheet HTML 4Page - Texas Instruments CC2431_07 Datasheet HTML 5Page - Texas Instruments CC2431_07 Datasheet HTML 6Page - Texas Instruments CC2431_07 Datasheet HTML 7Page - Texas Instruments CC2431_07 Datasheet HTML 8Page - Texas Instruments CC2431_07 Datasheet HTML 9Page - Texas Instruments CC2431_07 Datasheet HTML 10Page - Texas Instruments CC2431_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CC2431
CC2431 PRELIMINARY Datasheet (Rev. 1.01) SWRS034A
Page 7 of 13
2.1.1
Reference Coordinates
The Location Engine requires a set of
between
three
and
eight
reference
coordinates [x0, y0, x1, y1, … x7, y7] to be
input. The reference coordinates express
each reference nodes position in meters,
as unsigned values in the interval [0,
63.75]
meters.
The
finest
possible
resolution is 0.25 meter. The format used
is fixed-point data with the two LSBs
representing the fractional part and the
remaining six bits representing the integer
part.
Reference coordinates are loaded into the
RF register
REFCOORD. Before writing to
REFCOORD, a 1 must be written to the
register bit
LOCENG.REFLD to indicate
that a set of reference coordinates are
being written. Once the coordinate load
process commences (
LOCENG.REFLD
=1), eight coordinate pairs must always be
written. However, it is possible for the
Location Engine to use less than eight
reference coordinates, by marking certain
reference coordinates as unused. Zeros
can be used to fill the unused reference
coordinate
slots,
and
they
will
be
interpreted as unused when 0.0 is loaded
as the RSSI value for those reference
coordinates.
The reference coordinates are written in
the order [x0, y0, x1, y1, …, x7, y7] to the
register
REFCOORD. After all coordinates
have been written, a 0 is written to the
register bit
LOCENG.REFLD.
2.1.2
Measured Parameters
After the reference coordinates have been
written, a set of measured parameters
must be input to the Location Engine.
These parameters consist of two radio
parameters and eight RSSI values. The
radio parameters are the values A and n.
These radio parameters are used in the
Engine’s algorithm used to find the
estimated location. The parameters A and
n can be adjusted to describe the
propagation environment in which a
network of devices will operate.
2.1.2.1 Parameter Definitions
The measured parameters are described
in this section together with how these
should be estimated.
2.1.2.1.1
Parameter A
The radio parameter A is defined as the
absolute value of the average power in
dBm received at a close-in reference
distance of one meter from the transmitter,
assuming an omni-directional radiation
pattern.
For example, if the mean
received power at one meter is -40 dBm,
the parameter A is specified as 40.
The Engine expects the parameter A to be
in the range [30.0, 50.0] with precision 0.5.
The parameter A is given as an unsigned
fixed-point value where the LSB bit is the
fractional bit and the remaining bits are the
integer part. A typical value for A is 40.0.
2.1.2.1.2 Parameter n
The radio parameter n is defined as the
path loss exponent that describes the rate
at which the signal power decays with
increasing distance from the transmitter.
This decay is proportional to d
-n where d is
the distance between transmitter and
receiver.
The actual parameter n value written to
the Location Engine is an integer index
value selected from a lookup table shown
in Table 2.
As an example, in the case when the
value n=2.98 is found from measurements,
the closest available value of n in the
lookup table is 3.00, corresponding to
index 13. Therefore, the integer value 13
is used for the parameter n written to the
Location Engine.
Refer to section 2.1.2.1.3 in order to find
the
value
for
n
to
be
used.


Similar Part No. - CC2431_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2431-RTB1 TI-CC2431-RTB1 Datasheet
432Kb / 15P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
CC2431-RTR1 TI-CC2431-RTR1 Datasheet
432Kb / 15P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
CC2431DK TI-CC2431DK Datasheet
432Kb / 15P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
logo
TEXAS ADVANCED OPTOELEC...
CC2431DK TAOS-CC2431DK Datasheet
194Kb / 16P
   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
CC2431EMK TAOS-CC2431EMK Datasheet
194Kb / 16P
   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
More results

Similar Description - CC2431_07

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC2431 TAOS-CC2431 Datasheet
194Kb / 16P
   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
Texas Instruments
CC2431 TI-CC2431 Datasheet
432Kb / 15P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
   A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com