Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5580AIPE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL5580AIPE4
Description  DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5580AIPE4 Datasheet(HTML) 5 Page - Texas Instruments

  TL5580AIPE4 Datasheet HTML 1Page - Texas Instruments TL5580AIPE4 Datasheet HTML 2Page - Texas Instruments TL5580AIPE4 Datasheet HTML 3Page - Texas Instruments TL5580AIPE4 Datasheet HTML 4Page - Texas Instruments TL5580AIPE4 Datasheet HTML 5Page - Texas Instruments TL5580AIPE4 Datasheet HTML 6Page - Texas Instruments TL5580AIPE4 Datasheet HTML 7Page - Texas Instruments TL5580AIPE4 Datasheet HTML 8Page - Texas Instruments TL5580AIPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
1
5
10
50 60 70 80 100 200 300 500 700 1M 10M
V+/V− =
±15 V
RL = 2 kΩ
TA = 25°C
Frequency − kHz
−15
−10
−5
0
5
10
15
100
1k
10k
RL − Load Resistance − Ω
VCC± = ±15 V
TA = 25°C
VOM+
VOM−
IO − Output Current − mA
VOM+
VOM−
VCC± = ±15 V
20
15
10
5
0
−5
−10
−15
−20
1000
100
10
1
0
10
20
30
10
100
1k
10k
100k
Frequency − Hz
VCC± = ±1.5 V
RS = 50 Ω
AV = 60 dB
TA = 25°C
TL5580, TL5580A
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
SLOS477A – JUNE 2005 – REVISED JULY 2005
MAXIMUM OUTPUT VOLTAGE SWING
MAXIMUM OUTPUT VOLTAGE SWING
vs
vs
LOAD RESISTANCE
FREQUENCY
Figure 1.
Figure 2.
OUTPUT VOLTAGE SWING
EQUIVALENT INPUT NOISE VOLTAGE
vs
vs
OUTPUT CURRENT
FREQUENCY
Figure 3.
Figure 4.
5


Similar Part No. - TL5580AIPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5580AIP TI-TL5580AIP Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIPW TI-TL5580AIPW Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIPWR TI-TL5580AIPWR Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
More results

Similar Description - TL5580AIPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5580 TI-TL5580 Datasheet
252Kb / 12P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
logo
RF Micro Devices
RF3867 RFMD-RF3867 Datasheet
164Kb / 8P
   DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
logo
Maxim Integrated Produc...
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
logo
Knowles Electronics
SPH1642HT5H-1 KNOWLES-SPH1642HT5H-1 Datasheet
3Mb / 7P
   Wide Bandwidth, Low Noise, Precision Top Port SiSonic??Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com